Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3537 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier IR3537 Datasheet HTML 10Page - International Rectifier IR3537 Datasheet HTML 11Page - International Rectifier IR3537 Datasheet HTML 12Page - International Rectifier IR3537 Datasheet HTML 13Page - International Rectifier IR3537 Datasheet HTML 14Page - International Rectifier IR3537 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
11
IR3537 
CHL8510
12V High Performance Gate Driver 
supply voltage plus the HVCC voltage less the diode 
forward voltage. 
When the PWM signal goes low, the MOSFET is turned off 
by pulling the MOSFET gate to the SWITCH voltage. 
LOW‐SIDE DRIVER 
The IR3537/CHL8510 low‐side driver is designed to drive 
an external N‐channel MOSFET referenced to ground at up 
to 1MHz. The low‐side driver is connected internally to the 
LVCC supply voltage. 
ADAPTIVE DEAD TIME ADJUSTMENT 
In a synchronous buck configuration, dead time between 
the turn off of one gate and turn on of the other is 
necessary to prevent simultaneous conduction of the 
external MOSFETS preventing a shoot‐through condition 
which would result in a short of the supply voltage to 
ground. A fixed dead time does not provide optimal 
performance across a variety of MOSFETs and board 
layouts. 
The IR3537/CHL8510 provides an ‘adaptive’ dead time 
adjustment. This feature minimizes dead time which 
maximizes efficiency. The ‘break before make’ adaptive 
design is achieved by monitoring gate and SWITCH 
voltages to determine OFF status of a MOSFET. It also 
provides zero‐voltage switching (ZVS) of the low‐side 
MOSFET with minimum current conduction through its 
body‐diode.  
When the PWM is switching between 1.8V and 0V, its 
falling edge transition from high to low will turn off the 
high‐side gate driver. The adaptive dead time circuit 
monitors the HI_GATE and the SWITCH node voltages 
during the high‐side MOSFET turn off. When the HI_GATE 
falls below 1.7V above the SWITCH node potential or the 
SWITCH node voltage drops below 0.8V, the high‐side 
MOSFET is determined to be turned off, and the LO_GATE 
turn‐on is initiated. This turns on the external low‐side 
MOSFET. The rising edge transition of the PWM signal from 
low to high voltage causes the low‐side gate driver to turn 
off. The adaptive circuit monitors the voltage at LO_GATE 
and when it falls below 1.7V, the low‐side MOSFET is 
turned off, and the high‐side MOSFET turn‐on is initiated. 
This turns on the external high‐side MOSFET. 
INDEPENDENT VARIABLE GATE VOLTAGE 
The IR3537/CHL8510 features independent variable  
gate voltages for both the high‐ and low‐side drivers.  
This enables implementation of the Variable Gate Drive 
(VGD) feature in VR circuits using the IR multiphase 
controllers to improve efficiency.  
The voltage applied to the HVCC and LVCC pins of 
IR3537/CHL8510 determines the gate voltage on the 
external MOSFETs. These pins may be powered from 
independent voltage sources or tied together to a common 
voltage source. Variation in the gate voltage allows 
efficiency to be optimized across the load current range by 
trading off conduction and switching losses. Increasing the 
voltage across a MOSFET gate, results in reduced Rdson 
which lowers the MOSFET conduction losses, but also 
raises the gate charge which increases the switching losses. 
The voltage on each HVCC and LVCC pin, and thus the gate 
drive voltage of the CHL8510, can be varied from 4.5V to 
13.2V.  
The International Rectifier’s digital multiphase controllers 
provide a unique VAR_GATE output which varies inversely 
with the VR output current. The VAR_GATE output is 
designed to be used with an external circuit and provide 
the optimum voltage across the IR3537/CHL8510’s HVCC 
and LVCC pins for optimum system efficiency across the 
load range. 
 


Similar Part No. - IR3537

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3537 IRF-IR3537 Datasheet
689Kb / 15P
   12V High Performance Gate Driver
IR3537MTR IRF-IR3537MTR Datasheet
689Kb / 15P
   12V High Performance Gate Driver
IR3537MTR1PBF IRF-IR3537MTR1PBF Datasheet
689Kb / 15P
   12V High Performance Gate Driver
IR3537MTRPBF IRF-IR3537MTRPBF Datasheet
689Kb / 15P
   12V High Performance Gate Driver
More results

Similar Description - IR3537

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
   Input Under-Voltage Protection
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
   Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com