Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3477 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3477
Description  Excellent Efficiency at Very Low Output Currents
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3477 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3477 Datasheet HTML 2Page - International Rectifier IR3477 Datasheet HTML 3Page - International Rectifier IR3477 Datasheet HTML 4Page - International Rectifier IR3477 Datasheet HTML 5Page - International Rectifier IR3477 Datasheet HTML 6Page - International Rectifier IR3477 Datasheet HTML 7Page - International Rectifier IR3477 Datasheet HTML 8Page - International Rectifier IR3477 Datasheet HTML 9Page - International Rectifier IR3477 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
March 27, 2013  |   V2.5  |  PD97604
6
IR3477 
15A Highly Integrated SupIRBuck
TM 
ABSOLUTE MAXIMUM RATINGS 
 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are 
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the 
operational sections of the specifications are not implied. 
 
VIN, FF 
‐0.3V  to  30V 
VCC, PGOOD, EN ‐0.3V  to  8V 
BOOT 
‐0.3V  to  38V 
PHASE ‐0.3V  to  30V (DC), ‐5V (100ns) 
BOOT to PHASE 
‐0.3V  to  8V 
ISET ‐0.3V  to  30V, 30mA 
PGND to GND 
‐0.3V  to  +0.3V 
All other pins ‐0.3V  to  3.9V 
Storage Temperature Range 
‐65°C  to  150°C 
Junction Temperature Range ‐40°C  to  150°C 
ESD Classification 
JEDEC Class 1C 
Moisture Sensitivity Level 
JEDEC Level 2 @ 260°C (Note 2) 
 
 
 


Similar Part No. - IR3477

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
IR3477MTR1PBF IRF-IR3477MTR1PBF Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
IR3477MTRPBF IRF-IR3477MTRPBF Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - IR3477

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Vishay Siliconix
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
   Very high efficiency, typ. 97% at half load
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
   high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
Wall Industries,Inc.
FB48S5-300 WALL-FB48S5-300 Datasheet
207Kb / 4P
   Very Low Output Ripple
logo
List of Unclassifed Man...
SFM3200 ETC2-SFM3200 Datasheet
331Kb / 7P
   Superior performance at very low flows
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
   High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
logo
New Japan Radio
NJM2842 NJRC-NJM2842 Datasheet
219Kb / 11P
   Very Low Output Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com