Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCH16245 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AVCH16245
Description  16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH16245 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AVCH16245_15 Datasheet HTML 1Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 2Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 3Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AVCH16245 is a 16-bit transceiver featuring non-inverting 3-state bus compatible
outputs in both send and receive directions. The device features two output enable inputs
(nOE) for easy cascading and two send/receive inputs (nDIR) for direction control.
Inputs nOE control the outputs so that the buses are effectively isolated. This device can
be used as two 8-bit transceivers or one 16-bit transceiver.
The 74AVCH16245 is designed to have an extremely fast propagation delay and a
minimum amount of power consumption.
To ensure the high-impedance output state during power-up or power-down, tie pins nOE
to VCC through a pull-up resistor (Live Insertion).
A Dynamic Controlled Output (DCO) circuitry is implemented to support termination line
drive during transient (see Figure 4 and Figure 5)
The 74AVCH16245 has active bus-hold circuitry to hold unused or floating data inputs at a
valid logic level. This feature eliminates the need for external pull-up or pull-down
resistors.
2.
Features and benefits
Wide supply voltage range from 1.2 V to 3.6 V
Complies with JEDEC standards:
JESD8-7 (1.2 V to 1.95 V)
JESD8-5 (1.8 V to 2.7 V)
JESD8-1A (2.7 V to 3.6 V)
CMOS low power consumption
Input/output tolerant up to 3.6 V
Dynamic Controlled Output (DCO) circuit dynamically changes output impedance,
resulting in noise reduction without speed degradation
Low inductance multiple VCC and GND pins to minimize noise and ground bounce
Supports Live Insertion
All inputs have bus-hold
74AVCH16245
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 — 8 January 2013
Product data sheet


Similar Part No. - 74AVCH16245_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH16245DGG NEXPERIA-74AVCH16245DGG Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
More results

Similar Description - 74AVCH16245_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com