Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCH16244 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AVCH16244
Description  16-bit buffer/line driver; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH16244 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AVCH16244_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 9Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 10Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 11Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 12Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 13Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 14Page - NXP Semiconductors 74AVCH16244_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2000 Mar 07
11
Philips Semiconductors
Product Specification
16-bit buffer/line driver; 3.6 V tolerant;
3-state
74AVCH16244
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.05
0.2
0.1
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT362-1
95-02-10
99-12-27
w M
θ
A
A1
A2
D
L p
Q
detail X
E
Z
e
c
L
X
(A )
3
0.25
124
48
25
y
pin 1 index
b
H
1.05
0.85
0.28
0.17
0.2
0.1
12.6
12.4
6.2
6.0
0.5
1
0.25
8.3
7.9
0.50
0.35
0.8
0.4
0.08
0.8
0.4
p
E
v M A
A
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm
SOT362-1
A
max.
1.2
0
2.5
5 mm
scale
MO-153


Similar Part No. - 74AVCH16244_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH16244DGG PHILIPS-74AVCH16244DGG Datasheet
80Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVCH16244DGG NEXPERIA-74AVCH16244DGG Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
More results

Similar Description - 74AVCH16244_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16244 PHILIPS-74AVC16244_15 Datasheet
93Kb / 16P
   16-bit buffer/line driver; 3-state (3.6 V tolerant)
1999 Nov 15
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
   16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
logo
Nexperia B.V. All right...
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244 Datasheet
80Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com