Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2690 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2690
Description  Low-Noise, 2.5GHz Downconverter Mixer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2690 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2690 Datasheet HTML 1Page - Maxim Integrated Products MAX2690 Datasheet HTML 2Page - Maxim Integrated Products MAX2690 Datasheet HTML 3Page - Maxim Integrated Products MAX2690 Datasheet HTML 4Page - Maxim Integrated Products MAX2690 Datasheet HTML 5Page - Maxim Integrated Products MAX2690 Datasheet HTML 6Page - Maxim Integrated Products MAX2690 Datasheet HTML 7Page - Maxim Integrated Products MAX2690 Datasheet HTML 8Page - Maxim Integrated Products MAX2690 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low-Noise, 2.5GHz
Downconverter Mixer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, no RF signals applied, LO = open, IFOUT+ = IFOUT- = VCC, SHDN = high, LGND = GND = GNDLO = 0V,
TA = TMIN to TMAX. Typical values are at VCC = +3.0V and TA = +25°C, unless otherwise noted. Minimum and maximum values are
guaranteed by design and characterization over temperature.)
AC ELECTRICAL CHARACTERISTICS
(MAX2690 EV kit; VCC = +3.0V; PLO = -3dBm; PRF = -25dBm; SHDN = high; RFIN matched for 900MHz, 1.95GHz, and 2.45GHz as
noted below. Inductor connected from LGND to GND = 39nH for 900MHz operation, 27nH for 1.95GHz operation, and 6.8nH for
2.45GHz operation. TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
RFIN Input Power..............................................................10dBm
LO Input Power .................................................................10dBm
SHDN Input Voltage ...................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation
10-Pin µMAX (derate 4.1mW/°C above +70°C) ............330mW
Operating Temperature Range
MAX2690EUB ...................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
SHDN = 0V
SHDN = low
0V < SHDN < VCC
CONDITIONS
V
0.5
Shutdown Input Voltage Low
V
2
mA
9.5
16
20.1
Operating Supply Current
Shutdown Input Voltage High
0.4
µA
2
Shutdown Supply Current
µA
-5
4
25
Shutdown Input Bias Current
UNITS
MIN
TYP
MAX
PARAMETER
fRF = 2.45GHz, fLO = 2.1GHz
fRF = 1.95GHz, fLO = 1.75GHz
fRF = 900MHz, fLO = 1.1GHz
fRF = 1.95GHz, TA = TMIN to TMAX (Note 2)
CONDITIONS
dB
4
6.4
7.9
Conversion Gain
(Note 1)
dB
±0.6
±1.2
Gain Variation over
Temperature
UNITS
MIN
TYP
MAX
PARAMETER
Two tones at
-25dBm per tone,
fRF2 = 1MHz above fRF
fRF = 900MHz, fLO = 1.1GHz
dBm
4.3
5.3
7.6
Input Third-Order Intercept
10
fRF = 2.45GHz, fLO = 2.1GHz
fRF = 1.95GHz, fLO = 1.75GHz
dB
12
Noise-Figure
Single Sideband
11.5
fRF = 900MHz, fLO = 1.1GHz
fRF = 1.95GHz, fLO = 1.75GHz
fRF = 2.45GHz, fLO = 2.1GHz


Similar Part No. - MAX2690

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2691 MAXIM-MAX2691 Datasheet
1Mb / 7P
   L2 Band GPS Low-Noise Amplifier
Rev 0; 12/11
MAX2692 MAXIM-MAX2692 Datasheet
1Mb / 10P
   WLAN/WiMAX Low-Noise Amplifiers
Rev 0; 9/11
MAX2692EWST MAXIM-MAX2692EWST Datasheet
1Mb / 10P
   WLAN/WiMAX Low-Noise Amplifiers
Rev 0; 9/11
MAX2693L MAXIM-MAX2693L Datasheet
1Mb / 10P
   GPS/GNSS Low-Noise Amplifiers with Integrated LDO
Rev 0; 3/12
MAX2693L MAXIM-MAX2693L Datasheet
1Mb / 11P
   1.6V to 4.2V Single-Supply Operation
Rev 0; 3/16
More results

Similar Description - MAX2690

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2680 MAXIM-MAX2680_03 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680EUT MAXIM-MAX2680EUT Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2860 RFMD-RF2860_06 Datasheet
222Kb / 14P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com