Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2653EUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2653EUA
Description  GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2653EUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2653EUA Datasheet HTML 4Page - Maxim Integrated Products MAX2653EUA Datasheet HTML 5Page - Maxim Integrated Products MAX2653EUA Datasheet HTML 6Page - Maxim Integrated Products MAX2653EUA Datasheet HTML 7Page - Maxim Integrated Products MAX2653EUA Datasheet HTML 8Page - Maxim Integrated Products MAX2653EUA Datasheet HTML 9Page - Maxim Integrated Products MAX2653EUA Datasheet HTML 10Page - Maxim Integrated Products MAX2653EUA Datasheet HTML 11Page - Maxim Integrated Products MAX2653EUA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GSM900 and DCS1800/PCS1900
Dual-Band, Low-Noise Amplifiers
8
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX2651 EV kit, VCC = +3.0V, input and output matched with recommended matching networks, TA = +25°C, unless otherwise noted.)
HIGH GAIN
LOW GAIN
fIN = 945MHz
PIN (dBm)
12
10
-9
-11
14
-7
16
-5
18
-3
20
-1
-25
-20
-15
-10
-5
0
POWER GAIN vs. INPUT POWER
MA\X2651-01
-20
-10
0
10
20
800
840
880
920
960
1000
POWER GAIN vs. FREQUENCY
FREQUENCY (MHz)
HIGH GAIN
LOW GAIN
800
840
880
920
960
1000
INPUT RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
HIGH GAIN
LOW GAIN
-25
-20
-10
-15
-5
0
800
840
880
920
960
1000
OUTPUT RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
HIGH GAIN
-25
-20
-10
-15
-5
0
LOW GAIN
800
840
880
920
960
1000
REVERSE ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
-40
-20
-30
-10
0
LOW GAIN
HIGH GAIN
4
5
6
7
8
SUPPLY CURRENT vs. VCC HIGH GAIN
VCC (V)
2.7
3.0
2.8
2.9
3.1
3.2
3.3
NO INPUT SIGNAL
TA = +25°C
TA = -40°C
TA = +85°C
1.0
1.5
2.0
2.5
3.0
SUPPLY CURRENT vs. VCC LOW GAIN
VCC (V)
2.7
3.0
2.8
2.9
3.1
3.2
3.3
NO INPUT SIGNAL
TA = +25°C
TA = -40°C
TA = +85°C
MAX2651 (GSM Band)


Similar Part No. - MAX2653EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX265 MAXIM-MAX265 Datasheet
795Kb / 20P
   Pin and Resistor Programmed Universal Active Filters
19-0953; Rev 0; 12/88
MAX265-MAX266 MAXIM-MAX265-MAX266 Datasheet
795Kb / 20P
   Pin and Resistor Programmed Universal Active Filters
19-0953; Rev 0; 12/88
MAX2650 MAXIM-MAX2650 Datasheet
53Kb / 6P
   DC-to-Microwave, 5V Low-Noise Amplifier
19-1135; Rev 1; 8/03
MAX2650EUS-T MAXIM-MAX2650EUS-T Datasheet
53Kb / 6P
   DC-to-Microwave, 5V Low-Noise Amplifier
19-1135; Rev 1; 8/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
   1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
More results

Similar Description - MAX2653EUA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
RF Micro Devices
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
   Power Amplifier Module for Dual-band GSM900 DCS1800
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
   Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
TriQuint Semiconductor
TQ1422 TRIQUINT-TQ1422 Datasheet
132Kb / 6P
   GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com