Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX232 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX232
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX232 Datasheet HTML 11Page - Maxim Integrated Products MAX232 Datasheet HTML 12Page - Maxim Integrated Products MAX232 Datasheet HTML 13Page - Maxim Integrated Products MAX232 Datasheet HTML 14Page - Maxim Integrated Products MAX232 Datasheet HTML 15Page - Maxim Integrated Products MAX232 Datasheet HTML 16Page - Maxim Integrated Products MAX232 Datasheet HTML 17Page - Maxim Integrated Products MAX232 Datasheet HTML 18Page - Maxim Integrated Products MAX232 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
______________________________________________________________________________________
15
±15kV ESD-Protected, +5V RS-232 Transceivers
____________Pin Configurations and Typical Operating Circuits (continued)
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
R2OUT
R2IN
T2OUT
V-
R1IN
R1OUT
T1IN
T2IN
C2-
C2+
V+ (C1-)
C1- (C1+)
C1+ (V+)
VCC
GND
T1OUT
12
11
9
10
V- (C2+)
C2+ (C2-)
C2- (V-)
GND
DIP/SO
MAX203E
TOP VIEW
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
2
1
3
20
GND
GND
400k
5k
5k
T1IN
T2IN
R2OUT
R1OUT
VCC
7
5
18
4
19
0.1µF
RS-232
OUTPUTS
RS-232
INPUTS
+5V
400k
+5V
+5V INPUT
T1OUT
R1IN
R2IN
T2OUT
T1
9
6
T2
R1
R2
V-
V-
C1-
C1+
8(13)
13(14)
12(10)
17
14(8)
DO NOT MAKE
CONNECTION TO
THESE PINS
INTERNAL -10V
POWER SUPPLY
INTERNAL +10V
POWER SUPPLY
V+
C2-
C2-
C2+
C2+
11
15
16
10 (11)
PIN NUMBERS IN ( ) ARE FOR SO PACKAGE.
(12)


Similar Part No. - MAX232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com