Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC-155TSTAND Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-155TSTAND
Description  15" Fanless Panel PC with Intel짰 Atom??Dual-Core Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-155TSTAND Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-155TSTAND Datasheet HTML 1Page - Advantech Co., Ltd. PPC-155TSTAND Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Panel Computers & Panel PC
Features
PPC-L158T
C ®
UL US
15" Fanless Panel PC with
Intel® Atom™ Dual-Core Processor
ƒ 15" TFT XGA LCD with optional resistive touchscreen
ƒ Embedded Intel® Atom™ processor, dual-core D525 1.8G
ƒ System memory up to 2 x DDR3 800 MHz SODIMMs
ƒ Supports one internal SATA 2.5" HDD
ƒ Supports One Mini PCIe socket, Dual Gigabit Ethernet
ƒ Either PCI/PCIe x 1 expansion kit
ƒ Fanless and ultra-low power consumption
ƒ One RS-232/422/485; (supporting Auto-flow control, BIOS-selectable)
ƒ One RS-232/ GPIO (8 channels, TTL level); (by swapping pin header)
Introduction
The PPC-L158T is a 15" Fanless panel PC that delivers high performance while consuming low power. The PPC-L158T operates with low noise and provides display resolutions up
to 1024 x 768 (XGA) pixels. The PPC-L158T is equipped with dual Gigabit Ethernet connectors, 8-channel GPIO function and either one PCI or one PCIe expansion slot. Advantech’s
customization services and optional accessories including wireless modules and SATA optical devices, allow system integrators to design tailor-made solutions for a host of industrial
applications.
Specifications
Processor System
CPU
Intel Atom processor, dual-core D525 1.8G
Chipset
D525 + ICH8M
Secondary Cache
1MB L2 cache
Memory
2 x DDR3 800 MHz SODIMMs (up to 2GB each socket), compatible with 1066/1333 MHz (does not support ECC and REG)
DVD-RW Drive
Optional (989K017702E)
SSD
Supports one CFastTM Type I, II socket
HDD
One internal SATA interface- 2.5" Type
Network (LAN)
2 x 10/100/1000 Mbps (RJ-45)
Fully Integrated I/O and Speakers
4 x COM ports: 2 x RS-232, 1 x RS-232/422/485, 1 x RS-232/ GPIO (8 channels, TTL level)*
4 x USB 2.0 ports
Mic in/ Line out, 1W speaker - 2 x Gigabit Ethernet ports
1 x D-SUB VGA port
1 x PS/2 mouse and 1 x keyboard interface
1 x Parallel port (by an additional cable in the accessory box)
* RS-232/422/485 - selected in BIOS and supporting RS-232/GPIO by swapping pinheader, Auto-flow control
Bus Expansion
1 x expansion slot for PCI/PCIe card
1 x MINI PCIe slot
Front Panel Protection
IP65 compliant
Weight
6 kg (13.2 Ib)
Dimensions (W x H x D)
396.5 x 317.6 x 103.5 mm (15.6" x 12.5 x 4.08")
OS Support
Win XPE / Win XP Pro / WES7 32 bit / Windows 7 32 & 64 bit / CE6.0
Power Supply
DC
Input Voltage
15 ~ 24 VDC
AC
Output Rating
85 W (max.)
Input Voltage
100 ~ 240 VAC, 50 ~ 60 Hz, 1 ~ 2 A
LCD Display
Display Type
15" Color TFT LCD
Max. Resolution
1024 x 768
Colors
262 K
Pixel Pitch (mm)
0.297 x 0.297
Viewing Angle
160°/140°
Luminance (cd/m2)
350
Brightness Control
Yes
Backlight Lifetime
50,000 hours
Touchscreen (optional)
Type
Analog Resistive 5-wire (AMT) Anti-Corrective type
Resolution
2048 x 2048
Light Transmission
80 %
Controller
RS-232 interface
Durability (Touches)
35 million
Environmental
Specifications
Operating Temperature
0-50°C (32-122°F)
Relative Humidity
10 ~ 95 % @ 40°C, non-condensing
Shock
Operating 10 G peak acceleration (11 ms duration), follows IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follows IEC 60068-2-64
EMC
CE, FCC Class B, BSMI
Safety
CE CB, UL, BSMI, CCC , VCCI
All product specifications are subject to change without notice
Last updated : 19-Mar-2014


Similar Part No. - PPC-155TSTAND

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-155TSTAND ADVANTECH-PPC-155TSTAND Datasheet
232Kb / 2P
   17 Panel PC with Intel짰 Core??2 Duo Processor
PPC-155TSTAND ADVANTECH-PPC-155TSTAND Datasheet
549Kb / 2P
   17"/ 15" Panel PC with Intel짰 Core??i3 / i5 /Celeron짰 Processor and 4 additional GbE ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com