Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2642EXT-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2642EXT-T
Description  900MHz SiGe, High IP3, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2642EXT-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2642EXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2642EXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2642EXT-T Datasheet HTML 8Page - Maxim Integrated Products MAX2642EXT-T Datasheet HTML 9Page - Maxim Integrated Products MAX2642EXT-T Datasheet HTML 10Page - Maxim Integrated Products MAX2642EXT-T Datasheet HTML 11Page - Maxim Integrated Products MAX2642EXT-T Datasheet HTML 12Page - Maxim Integrated Products MAX2642EXT-T Datasheet HTML 13Page - Maxim Integrated Products MAX2642EXT-T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
900MHz SiGe, High IP3,
Low-Noise Amplifiers
10
______________________________________________________________________________________
Table 4. MAX2642 Typical Scattering Parameters
(RBIAS = 510
Ω, low-gain mode, VCC = +3.0V, TA = +25°C.)
FREQ
(MHz)
S11 MAG
S11 PHASE
(DEGREES)
S21 MAG
S21 PHASE
(DEGREES)
S12 MAG
S12 PHASE
(DEGREES)
S22 MAG
S22 PHASE
(DEGREES)
500
0.757279
-68.0641
0.186886
-175.019
0.032297
163.9787
0.87996
-73.8882
600
0.75734
-84.3042
0.715305
-146.702
0.066113
148.5775
0.71413
-98.6736
700
0.696969
-98.422
1.140352
-174.61
0.099941
124.8504
0.449346
-121.361
800
0.626874
-107.497
1.272844
157.4571
0.115242
103.1406
0.201112
-127.267
820
0.616023
-108.596
1.267541
152.644
0.116521
100.3007
0.165909
-123.451
840
0.608751
-109.794
1.258504
148.0772
0.117601
97.74948
0.137812
-116.955
860
0.600617
-110.754
1.242296
143.7583
0.119312
95.48379
0.118557
-107.057
880
0.596488
-111.776
1.22394
139.7228
0.122318
93.07481
0.106845
-93.617
900
0.593722
-112.739
1.203776
135.9799
0.124196
90.21815
0.103446
-81.5882
920
0.590101
-113.712
1.181885
132.3471
0.125203
86.9857
0.108109
-70.2192
940
0.588409
-114.834
1.156787
128.909
0.126462
84.27329
0.116508
-61.7886
960
0.589625
-115.806
1.129734
125.6671
0.127369
82.07469
0.129083
-55.1485
980
0.588079
-116.828
1.102653
122.5478
0.127952
80.98836
0.140436
-52.3827
1000
0.588646
-117.975
1.074686
119.9067
0.12743
79.48192
0.151608
-48.4917
1100
0.597562
-124.002
0.952505
108.5103
0.134236
72.42102
0.206216
-43.8143
1200
0.6066
-129.873
0.852237
99.7348
0.138354
65.08001
0.252003
-43.9084
1300
0.617079
-136.272
0.778154
92.06538
0.142609
58.40858
0.295689
-46.8967
1400
0.628195
-142.195
0.718399
85.7905
0.153771
52.64912
0.33692
-51.7496
1500
0.640304
-147.446
0.656535
78.77735
0.149518
46.71009
0.374046
-56.7658


Similar Part No. - MAX2642EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642EXT-T MAXIM-MAX2642EXT-T Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results

Similar Description - MAX2642EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
   1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com