Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2641EUT-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2641EUT-T
Description  400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2641EUT-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2641EUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX2641EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX2641EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX2641EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX2641EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2641EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2641EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2641EUT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX2640/MAX2641 are low-cost, ultra-low-noise
amplifiers designed for applications in the cellular, PCS,
GPS, and 2.4GHz ISM frequency bands. Operating from
a single +2.7V to +5.5V supply, these devices consume
only 3.5mA of current while providing a low noise fig-
ure, high gain, high input IP3, and an operating fre-
quency range that extends from 400MHz to 2500MHz.
The MAX2640 is optimized for 400MHz to 1500MHz
applications, with a typical performance of 15.1dB gain,
input IP3 of -10dBm, and a noise figure of 0.9dB at
900MHz. The MAX2641 is optimized for 1400MHz to
2500MHz applications, with a typical performance of
14.4dB gain, an input IP3 of -4dBm, and a noise figure
of 1.3dB at 1900MHz.
These devices are internally biased, eliminating the
need for external bias resistors and chokes. In a typical
application, the only external components needed are a
two-element input match, input and output blocking
capacitors, and a VCC bypass capacitor.
The MAX2640/MAX2641 are designed on a high-fre-
quency, low-noise, advanced silicon-germanium
process and are offered in the space-saving 6-pin
SOT23 package.
Applications
400MHz/900MHz/2.4GHz ISM Radios
Cellular/PCS Handsets
GPS Receivers
Cordless Phones
Wireless LANs
Wireless Data
Features
o Wide Operating Frequency Range
MAX2640: 400MHz to 1500MHz
MAX2641: 1400MHz to 2500MHz
o Low Noise Figure
MAX2640: 0.9dB at 900MHz
MAX2641: 1.2dB at 1575MHz
1.3dB at 1900MHz
1.5dB at 2450MHz
o High Gain
MAX2640: 15.1dB at 900MHz
MAX2641: 15.7dB at 1575MHz
14.4dB at 1900MHz
13.5dB at 2450MHz
o High Reverse Isolation
MAX2640: 40dB at 900MHz
MAX2641: 31dB at 1575MHz
30dB at 1900MHz
24dB at 2450MHz
o +2.7V to +5.5V Single-Supply Operation
o Low 3.5mA Supply Current
o Ultra-Small SOT23-6 Package
400MHz to 2500MHz SiGe
Ultra-Low-Noise Amplifiers
________________________________________________________________
Maxim Integrated Products
1
C3
C4
Z1
RFIN
C1
VCC
VCC
RFIN
C2
ZM1
BIAS GENERATOR
GND
LNA
RF OUT
RF OUT
MAX2640/1
ZM2
*The series inductor Z1 can be replaced by a transmission line of appropriate impedance
and electrical length.
FREQUENCY (MHz)
C1
VALUE
(pF)
C2
VALUE
(pF)
C3
VALUE
(pF)
C4
VALUE
(pF)
Z1*
VALUE
(nH)
ZM1
VALUE
(pF)
ZM2
VALUE
MAX2640 MAX2641
900
1575
1900
2450
470
100
470
470
3
100
100
100
470
470
470
470
100
9.85
5.6
2.55
1.65
2
1
1
1
6.8nH
1pF
1pF
Typical Operating Circuits
19-1384; Rev 1; 2/99
PART
MAX2640EUT-T
MAX2641EUT-T
-40°C to +85°C
-40°C to +85°C
TEMP.
RANGE
PIN-
PACKAGE
6 SOT23-6
6 SOT23-6
EVALUATION
KIT
FOLLOWS
DATA
SHEET
Ordering Information
SOT
TOP MARK
AAAV
AAAW
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX2641EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2641EUT-T MAXIM-MAX2641EUT-T Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2641EUT-T MAXIM-MAX2641EUT-T Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2641EUT-T MAXIM-MAX2641EUT-T Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
More results

Similar Description - MAX2641EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2680 MAXIM-MAX2680_03 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680EUT MAXIM-MAX2680EUT Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
logo
American Accurate Compo...
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
   Wideband Amplifiers 10 to 2500MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com