Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2188V Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2188V
Description  Passive Matrix TruSurround 3D Audio Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2188V Datasheet(HTML) 2 Page - New Japan Radio

  NJM2188V Datasheet HTML 1Page - New Japan Radio NJM2188V Datasheet HTML 2Page - New Japan Radio NJM2188V Datasheet HTML 3Page - New Japan Radio NJM2188V Datasheet HTML 4Page - New Japan Radio NJM2188V Datasheet HTML 5Page - New Japan Radio NJM2188V Datasheet HTML 6Page - New Japan Radio NJM2188V Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM2188
- 2 -
s
s
s
sBLOCK DIAGRAM
s
s
s
sPIN CONFIGRATION
1
2
3
4
5
6
7
8
16
15
14
13
10
12
11
9
NJM2188
MODE 1
MODE 2
VREF
GND
V
+
Lch out
Rch out
Lch in
Rch in
FIL1_IN2
FIL1_IN1
FIL1_IN3
FIL1_OUT
No.
Symbol
Function
1
MODE1
Mode Switch
2
MODE2
Mode Switch
3
V
+
Supply Voltage 4.5V to 13V
4
VREF
V
+/2 OUTPUT
5
FIL2_OUT
Perspective Network_2 output
6
FIL2_IN
Perspective Network_2 input
7
FIL2_IN2
Perspective Network_2 input2
8
GND
Ground
9
Rch OUT
Rch OUTPUT
10
Lch OUT
Lch OUTPUT
11
FIL1_IN3
Perspective Network_1 INPUT3
12
FIL1_IN2
Perspective Network_1 INPUT2
13
FIL1_IN1
Perspective Network_1 INPUT1
14
FIL1_OUT
Perspective Network_1
OUTPUT
15
Rch IN
Rch INPUT
16
Lch IN
Lch INPUT
FIL2_OUT
FIL2_IN
FIL2_IN2
MIX
VREF
VREF
VREF
VREF
VREF
VREF
VREF
MIX
V+
SW Control
VREF
VREF
Rch in
SRS 3D-1
Lch in
SRS 3D1
Lch out
Rch out
TRU
SRS 3D-2
(SRS 3D)
(SRS 3D)
TRU
TRU
TRU
SW1
SW2
SW3
SW4
GND
VREF
V+
50K
50K
51K
150K
20K
15K
5K
50K
12.5K
20K
50K
50K
BYPASS
BYPASS
SRS 3D-2
11K


Similar Part No. - NJM2188V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
   TruSurround 3D AUDIO PROCESSOR?
NJM2180L NJRC-NJM2180L Datasheet
383Kb / 12P
   TruSurround 3D AUDIO PROCESSOR?
NJM2180M NJRC-NJM2180M Datasheet
383Kb / 12P
   TruSurround 3D AUDIO PROCESSOR?
NJM2181 NJRC-NJM2181 Datasheet
46Kb / 5P
   Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
NJM2181L NJRC-NJM2181L Datasheet
46Kb / 5P
   Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
More results

Similar Description - NJM2188V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2187 NJRC-NJM2187 Datasheet
295Kb / 10P
   Passive Matrix TruSurround 3D AUDIO PROCESSOR
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
   TruSurround 3D AUDIO PROCESSOR?
NJM2181 NJRC-NJM2181 Datasheet
46Kb / 5P
   Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
   AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
   3D EFFECT AUDIO PROCESSOR
logo
New Japan Radio
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
   3D Effect Audio Processor IC
logo
New Japan Radio
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
   3D Effect Audio Processor IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com