Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1702002605 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 1702002605
Description  21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1702002605 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  1702002605 Datasheet HTML 1Page - Advantech Co., Ltd. 1702002605 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
PPC-4211W
ƒ 21.5" Full HD entirely flat panel with Projected capacitive touchscreen
ƒ High performance Intel Core i CPU with Fanless design
ƒ Supports 2 x 2.5" HDD Bay (supports Intel RAID)
ƒ PCIe x4 / x1 or PCI expansion support
ƒ Automatic data flow control over RS-485
ƒ Wide Range DC 12-32 V support
ƒ Dual Gigabit Ethernet, support IEEE1588
ƒ 3 x Independent display
21.5" Fanless Wide Screen Panel PC
with Intel Core i5 Celeron Processor
Specifications
Processor system
CPU
Intel 4th Generation Core i CPU
i5-4300U, 2C, 3M, up to 2.9GHz
Celeron 2980U, 2C, 2M, 1.6GHz
Memory
SO-DIMM x 1, DDR3L1333/1600, Max 8GB
2nd Cache Memory
3 MB / 2 MB
Storage
mSATA*1
HDD
2 x 2.5" SATA HDD Bay (supports Intel RAID)
I/O Ports
5 x Serial ports: 4 x RS-232, 1 x RS-422/485 with isolation 1K VDC
4 x USB 3.0 ports in rear side, 1 x USB 2.0 in right side
1 x Line-out, 1x MIC-in
1 x DB15 VGA
1 x Display Port (1.2)
Bus Expansion
1 x MINI PCIe,
1 x PCIe x4 (support x1) or 1 x PCI (either one)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet, Intel I211-AT, Intel I218LM
Speaker
2 x 1W
Watchdog Timer
255 timer levels; setup by software
Dimensions
557.77 x 349.17 x 63.6 mm
Weight
7.8 Kg
OS support
OS Support
Win 7/Win 8/Win 8.1/Linux
Power supply
Input Voltage
DC 12-32V
Power Consumption
i5-4300U
66W
Celeron 2980U
58W (8G DDR3L, USB x 4, COM x 4, USB mouse, 2.5" HDD 500G x 2, Win7 64bit, Burn-in 7.0 )
LCD Display
Display Type
21.5" TFT LCD (LED Backlight)
Max. Resolution
1920 x 1080
Colors
16.7M
Viewing Angle
178 Horizontal, 178 Vertical
Luminance(cd/m2)
300
Brightness Control
Yes (by BIOS)
Backlight Lifetime
50, 000 hrs(typ.)
Touchscreen
Touch Type
Projected Capacitive multi touch 10 point
Resolution
2048 x 2048
Light Transmission
88 % ± 2 %.
Controller
USB interface
Environment
Operating Temperature
0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Relative Humidity
10 ~ 95% @ 40° C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follow IEC 60068-2-64
EMC
BSMI, CE, FCC Class B
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 compliant
C ®
UL US
Introduction
The PPC-4211W is a new generation Panel PC with Full HD (1920 x 1080) screen. The large panel help you to display more yet important information in one screen. The most
important, system equips with high performance Intel Core i CPU but the heat can be dispatched easily by high efficiency fanless thermal design. This makes HMI a big step forward
to consolidate performance and reliability in one system. Besides, with rich I/O as 5 x COM, 5 x USB and dual Gigabit Ethernet make it easier to connect to devices and be integrated
into machine building industry. Moreover, with PCIe x4 expansion to add on field bus or proprietary card makes more application possibility. The last but not least, the multi touch
screen makes the HMI more intuitive, brings you the best operate experience.
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - 1702002605

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1702002605 ADVANTECH-1702002605 Datasheet
286Kb / 2P
   12 Panel PC with Intel짰 Core??2 Duo Processor
1702002605 ADVANTECH-1702002605 Datasheet
699Kb / 2P
   18.5 Core i5 Multi-Touch PC ACP Ready ThinClient
4-May-2022
1702002605 ADVANTECH-1702002605 Datasheet
475Kb / 2P
   21.5 Full HD Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports
15-Jun-2021
1702002605 ADVANTECH-1702002605 Datasheet
860Kb / 3P
   Intel® Atom™ Pocket-Size Smart Factory Edge Gateway with 2 x GbE, 1 x mPCIe, HDMI, eMMC
9-Sep-2020
1702002605 ADVANTECH-1702002605 Datasheet
671Kb / 2P
   1U High Performance Rackmount Server with 3rd Gen. Intel® Xeon® Scalable processors
31-Mar-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com