Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX253ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX253ESA
Description  Transformer Driver for Isolated RS-485 Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX253ESA Datasheet HTML 3Page - Maxim Integrated Products MAX253ESA Datasheet HTML 4Page - Maxim Integrated Products MAX253ESA Datasheet HTML 5Page - Maxim Integrated Products MAX253ESA Datasheet HTML 6Page - Maxim Integrated Products MAX253ESA Datasheet HTML 7Page - Maxim Integrated Products MAX253ESA Datasheet HTML 8Page - Maxim Integrated Products MAX253ESA Datasheet HTML 9Page - Maxim Integrated Products MAX253ESA Datasheet HTML 10Page - Maxim Integrated Products MAX253ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Transformer Driver for
Isolated RS-485 Interface
_______________________________________________________________________________________
7
C3
0.1µF
C1
0.1µF
C2
22µF
ISO 5V
ISOLATION
BARRIER
3.3V
VIN
MAX253
D1
D2
GND1
GND2
VCC
1
8
6
27
N.C.
5
1N5817
1N5817
C5
0.1µF
SD
4
ON / OFF
390
*74HC04
DE
RO
390
*74HC04
DI
3.3k
1
3
5
4
6
1
2
4
3
5
4
1
3
6
*74HC04
*74HC04 OR EQUIVALENT
** SEE TABLE 2
MAX667
5
64
SHDN
SET
GND
MAX481
MAX483
MAX485
MAX487
5
2
RE
GND
C4
22µF
IN
OUT
82
1N5817
390
4
3
1
8
6
7
DI
DE
RO
A
B
PC410 / 417
PC357T
PC410 / 417
1N5817
FS
3
ICT:2.1CT**
VCC
3.3k
3.3k
485
I/O
Figure 4. Typical RS-485 Application Circuit, 3.3V Configuration


Similar Part No. - MAX253ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX253ESA MAXIM-MAX253ESA Datasheet
826Kb / 17P
   Transformer Driver for Isolated RS-485 Interface
Rev 1; 8/09
MAX253ESA MAXIM-MAX253ESA Datasheet
545Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
MAX253ESA MAXIM-MAX253ESA Datasheet
579Kb / 18P
   MAX253 Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
MAX253ESA MAXIM-MAX253ESA Datasheet
296Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
2015
MAX253ESA/V MAXIM-MAX253ESA/V Datasheet
545Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
More results

Similar Description - MAX253ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX253 MAXIM-MAX253_09 Datasheet
826Kb / 17P
   Transformer Driver for Isolated RS-485 Interface
Rev 1; 8/09
MAX253 MAXIM-MAX253_10 Datasheet
545Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
MAX253 MAXIM-MAX253_V01 Datasheet
296Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
2015
MAX253CPA MAXIM-MAX253CPA Datasheet
579Kb / 18P
   MAX253 Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
   TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com