Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TO293BN-RXYZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # TO293BN-RXYZ
Description  1310 nm TO-Can Package for 10 Gb/s Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

TO293BN-RXYZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  TO293BN-RXYZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Qualification Information
Laser diodes have passed all qualification requirements as specified by Telcordia GR-468.
Ordering Information TO293BN-RXYZ
R: Temperature Range
E: –5 °C to 75 °C
N: –5 °C to 85 °C
I: –40 °C to 85 °C
X: Type of Cap Lens
B: 2-mm ball lens cap with 6.7-mm focal point
C: Aspherical lens cap with 7.5-mm focal point
F: 2-mm high index ball lens cap with 5.8-mm focal point
H: Aspherical lens cap with 10.1-mm focal point
Performance of the laser will depend on a number of factors, including the customers' RF and thermal design, fiber
length, bit rate, and temperature range. For particular applications, contact Avago.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
CyOptics and the CyOptics logo are trademarks of CyOptics, Inc. in the United States and other countries.
Data subject to change. Copyright © 2005–2015 CyOptics, Inc. All rights reserved.
AV02-4583EN – August 14, 2015
Telcordia Technologies is a trademark of Telcordia Technologies, Inc.
IEC is a registered trademark of The International Electrotechnical Commission.
Laser Safety
All versions of these laser chips are classified as Class III per CDRH, 21 CFR 1040 Laser Safety requirements.
All versions are classified as Class 1M laser chips consistent with IEC® 60825-2: 2001.
This product complies with 21 CFR 1040.10 and 1040.11.
Y: Type of Lead
A: Cathode MPD (Anode GND)
C: Anode MPD (Cathode GND)
E: Isolated MPD
Z: Type of Header and Matching Resistor
1: 5-pin header, with matching resistor
2: 4-pin header, with 18-ohm matching resistor
3: 4-pin header, with 9-ohm matching resistor
X: 4-pin header, without matching resistor
Z: 5-pin header, without matching resistor


Similar Part No. - TO293BN-RXYZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
TO293x AVAGO-TO293x Datasheet
111Kb / 1P
   Laser & detector chip & TO-can products
More results

Similar Description - TO293BN-RXYZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX5311 CEL-NX5311 Datasheet
160Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX5311S CEL-NX5311S Datasheet
161Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
NX8340MD-CC CEL-NX8340MD-CC Datasheet
280Kb / 6P
   1310 nm AIGaInAs MQW-DFB LASER DIODE MODULE WITH DRIVER IN SMT PACKAGE FOR 10 GB/s APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
logo
Optoway Technology Inc
SPS-2110G OPTOWAY-SPS-2110G Datasheet
171Kb / 5P
   10 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
logo
California Eastern Labs
NX5307 CEL-NX5307 Datasheet
460Kb / 8P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s INTRA-OFFICE APPLICATION
logo
Renesas Technology Corp
NX8346TB RENESAS-NX8346TB Datasheet
196Kb / 10P
   LASER DIODE 1310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com