Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-8420Z Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-8420Z
Description  Pluggable 100G Ethernet Optical Transceiver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-8420Z Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-8420Z_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-8420Z_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-8420Z_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-8420Z_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-8420Z_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-8420Z_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-8420Z_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-8420Z_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-8420Z_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
3
Regulatory Compliance Table
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
to the Electrical Contacts
JEDEC Human Body Model (HBM)
(JESD22-A114-B)
High speed contacts shall withstand
1000V. All other contacts shall withstand
2000 V.
Electrostatic Discharge (ESD)
to the Optical Connector Receptacle
EN61000-4-2, Criterion B
When installed in a properly grounded
housing and chassis the units are
subjected to 15kV air discharges during
operation and 8kV direct discharges to
the case.
Electromagnetic Interference
(EMI)
FCC Part 15 CENELEC EN55022
(CISPR 22A) VCCI Class 1
System margins are dependent on
customer board and chassis design.
RF Immunity
Variation of IEC 61000-4-3
Typically shows no measurable effect
from a 10V/m field swept from 80 MHz
to 1 GHz applied to the module without
a chassis enclosure
Laser Eye Safety and
Equipment Type Testing
US FDA CDRH AEL Class 1
US21 CFP, Subchapter J per
Paragraphs 1002.10 and 1002.12
(IEC) EN60825-1:1994 +A11 +A2
(IEC) EN60825-2:1994 +A1
(IEC) EN60950:1992 +A1 +A2 +A3 +A4 +A11
CDRH Certification 9720151-141
TUV File: R 72131700
Component Recognition
Underwriters Laboratories (UL) and Canadian
Standards Association (CSA) Joint Component
Recognition for Information Technology Equip-
ment including Electrical Business Equipment
UL File: E173874
RoHS Compliance
RoHS Directive 2002/95/EC and it’s amendment
directives 6/6
RoHS6 with exemption 7c-I
Flammability
UL 94V-0
MPO Optical Lane Assignments
Unused Fibers
Unused Fibers
CFP2 Rx Optical Channel
MTP/MPO Fiber Number
MTP/MPO Fiber Number
CFP2 Tx Optical Channel


Similar Part No. - AFBR-8420Z_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-8420Z AVAGO-AFBR-8420Z Datasheet
133Kb / 2P
   CFP2, 850 nm, 3.3 V, 100GBASE-SR10 Compliant Pluggable Ethernet Optical Transceiver
More results

Similar Description - AFBR-8420Z_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
516-3086-ND AVAGO-516-3086-ND Datasheet
135Kb / 2P
   Pluggable 100G Ethernet Optical Transceiver
AFCT-8450Z AVAGO-AFCT-8450Z Datasheet
107Kb / 1P
   Dual Rate Pluggable 100G Ethernet Optical Transceiver
516-3086-ND AVAGO-516-3086-ND Datasheet
135Kb / 2P
   CFP2, 850 nm, 100GBASE-SR10 Compliant Pluggable 100G Ethernet Optical Transceiver
logo
Finisar Corporation.
FTLC9152RGPL FINISAR-FTLC9152RGPL Datasheet
347Kb / 7P
   100m 100G QSFP28 SWDM4 Optical Transceiver
FTLC1152RGPL FINISAR-FTLC1152RGPL Datasheet
546Kb / 7P
   100G CWDM4 QSFP28 Optical Transceiver Module
logo
Bel Fuse Inc.
FNK-LT12X BEL-FNK-LT12X Datasheet
527Kb / 4P
   Front Load Pluggable Optical Transceiver
FNF-LP11X BEL-FNF-LP11X Datasheet
520Kb / 4P
   Front Load Pluggable Optical Transceiver
FNF-LT11X BEL-FNF-LT11X Datasheet
520Kb / 4P
   Front Load Pluggable Optical Transceiver
FNK-ST11X BEL-FNK-ST11X Datasheet
532Kb / 4P
   Front Load Pluggable Optical Transceiver
FNK-ER12X BEL-FNK-ER12X Datasheet
2Mb / 13P
   Front Load Pluggable Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com