Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-775BEZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-775BEZ
Description  Pluggable, Parallel-Fiber-Optics
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-775BEZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-775BEZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BEZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
R eference C hannel
P attern
G enerator
B E R T
TP 1
TJ r
D J r
W orst C ase Transm itter
M in O M A
M in C enter W avelength
M ax S pectral R M S W idth
M ax R IN 12 O M A
M ax R ise & Fall Tim es
W orst C ase C able P lant
Fiber Type
M ax Length
M ax C onnector Loss
M ax M odal N oise P enalty
W orst C ase R eceiver
M ax S ensitivity
M in B andwidth
TP 4
TJ r
R eference C hannel for Tx D U T (Tx Test C hannel)
P attern
G enerator
B E R T
TP 1
TJ t
D J t
Transm itter U nder Test
Test C able P lant
Test Fiber Type
Test Length
A ttenuator
Test R eceiver
Test S ensitivity
Test B andwidth
TP 4
TJ t
Reference Channel
Pattern
Generator
BERT
TP1
TJ r
DJ r
Worst Case Transmitter
Min OMA
Min Center Wavelength
Max Spectral RMS Width
Max RIN 12 OMA
Max Rise & Fall Times
Worst Case Cable Plant
Fiber Type
Max Length
Max Connector Loss
Max Modal Noise Penalty
Worst Case Receiver
Max Sensitivity
Min Bandwidth
TP4
TJ r
Reference Channel for Rx DUT (Tx Test Channel)
Pattern
Generator
BERT
TP1
TJ t
DJ t
Test Transmitter
Test OMA
Test Center Wavelength
Test Spectral RMS Width
Test RIN 12 OMA
Test Rise & Fall Times
Test Cable Plant
Test Fiber Type
Test Length
Attenuator
Receiver Under Test
TP4
TJ t
Figure 7. Reference and Test Channels for Transmitter
Figure 8. Reference and Test Channels for Receiver
The reference model for testing transmitters consists
of a pattern generator, fiber optic test cable, attenuator,
test receiver and BERT. See Figure 7 for the evolution of
a reference channel to a transmitter test channel. Dif-
ferences between the worst case values for attributes in
the reference model and those in the test equipment set
can be compensated by an added attenuator (note that
the 10GbE model translates all impairments into power
penalties) and adjustments in TJ criteria at TP4. Differ-
ences in the TP1 input jitter between the defined condi-
tions, TJ r and DJ r, for the reference channel and actually
provided in the test channel, TJ t and DJ t, can also be
accommodated by adjustments to TP4 test criteria (TJ r
becomes TJ t). The extended 10GbE Link model is used to
determine the compensating attenuation and TP4 criteria
adjustments.
The reference for testing receivers consists of a pattern
generator, test transmitter, fiber optic test cable, attenua-
tor and BERT. See Figure 8 for the evolution of a reference
channel to a receiver test channel. In a similar manner
as with the transmitter, all differences between the test
equipment and worst case channel are compensated with
an attenuator and adjustments in the TP4 criteria.
Informative TX parameters trading off each other while guar-
anteeing TP2 & TP4 performance
Parameter
Symbol
Extinction Ratio
ER
Output Optical Modulation Amplitude
OMA
Output Rise/Fall Time
Relative Intensity Noise OMA
RIN12OMA
Accumulated Deterministic Jitter
Accumulated Total Jitter
Informative RX parameters trading off each other while guar-
anteeing TP4 performance
Parameter
Symbol
Receiver Bandwidth (BW)
Input Optical Power Sensitivity (OMA)


Similar Part No. - AFBR-775BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
AFBR-77D13SZ AVAGO-AFBR-77D13SZ Datasheet
2Mb / 53P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   10 Gbps/Channel Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ_15 Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
More results

Similar Description - AFBR-775BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-83CDZ AVAGO-AFBR-83CDZ Datasheet
859Kb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-83EDZ AVAGO-AFBR-83EDZ Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ_15 Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-79Q4Z AVAGO-AFBR-79Q4Z Datasheet
748Kb / 2P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q4Z BOARDCOM-AFBR-79Q4Z Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
AFBR-79EAPZ AVAGO-AFBR-79EAPZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
AFBR-79EQDZ AVAGO-AFBR-79EQDZ_15 Datasheet
653Kb / 19P
   Parallel Fiber-Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ Datasheet
373Kb / 2P
   12Channel x 10.3125Gbps Transceiver CXP Pluggable, Parallel Fiber-Optics Module
AFBR-79EQDZ AVAGO-AFBR-79EQDZ Datasheet
632Kb / 19P
   40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com