Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-775BZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-775BZ
Description  Pluggable, Parallel-Fiber-Optics
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-775BZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-775BZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-775BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
3
ASIC/SerDes
FO Tx (1 of 12 Lanes)
Host Board Electrical Interface
- Compliance Points -
FO Rx Electrical Interface
FO Rx (1 of 12 Lanes)
FO Tx Electrical Interface
S DD22
S CC22
S CC11
S DD11
S CD11
S DC22
C AC
C AC
50 Ω
50 Ω
50 Ω
50 Ω
Figure 3. Application Reference Diagram
Frequency
No Equalization
Maximum Equalization
Figure 4. Input Equalization
High Speed Signal Interface
Figure 3 shows the interface between an ASIC/SerDes and
the fiber optics modules. For simplicity, only one channel
is shown. As shown in the Figure 3, the compliance
points are on the host board side of the electrical connec-
tors. Sets of s-parameters are defined for the transmit-
ter and receiver interfaces. The transmitter and receiver
are designed, when operating within Recommended
Operating Conditions, to provide a robust eye-opening at
the receiver outputs. See the Recommended Operating
Conditions and the Receiver Electrical Characteristics for
details.
Unused inputs and outputs should be terminated with
100 Ω differential loads.
The transmitter inputs support a wide common mode
range and DC blocking capacitors may not be needed –
none are shown in Figure 3. Depending on the common
mode range tolerance of the ASIC/SerDes inputs, DC
blocking capacitors may be required in series with the
receiver. Differential impedances are nominally 100 Ω.
The common mode output impedance for the receiver is
nominally 25 Ω while the nominal common mode input
impedance of the transmitter is 25 Ω.
Transmitter Input Equalization
Transmitter inputs can be programmed for one of several
levels of equalization. See Figure 4. The default case
provides a flat gain-frequency response in the inputs.
Different levels of compensation can be selected to
equalize skin-effect losses across the host circuit board.
See Tx Memory Map 01h Upper Page section addresses
228 - 233 for programming details.
resumes. All interrupts can be masked and flags are reset
upon reading the appropriate flag register. The elec-
trical output will squelch for loss of input signal (unless
squelch is disabled) and channel de-activation through
TWS interface. Status and alarm information are available
via the TWS interface. The interrupt signal (selectable via
the TWS interface as a pulse or static level) is provided to
inform hosts of an assertion of an alarm and/or LOS.


Similar Part No. - AFBR-775BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
AFBR-77D13SZ AVAGO-AFBR-77D13SZ Datasheet
2Mb / 53P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   10 Gbps/Channel Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ_15 Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
More results

Similar Description - AFBR-775BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-83CDZ AVAGO-AFBR-83CDZ Datasheet
859Kb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-83EDZ AVAGO-AFBR-83EDZ Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ_15 Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-79Q4Z AVAGO-AFBR-79Q4Z Datasheet
748Kb / 2P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q4Z BOARDCOM-AFBR-79Q4Z Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
AFBR-79EAPZ AVAGO-AFBR-79EAPZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
AFBR-79EQDZ AVAGO-AFBR-79EQDZ_15 Datasheet
653Kb / 19P
   Parallel Fiber-Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ Datasheet
373Kb / 2P
   12Channel x 10.3125Gbps Transceiver CXP Pluggable, Parallel Fiber-Optics Module
AFBR-79EQDZ AVAGO-AFBR-79EQDZ Datasheet
632Kb / 19P
   40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com