Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1655 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # 1655
Description  XMD MSA-compatible 10 Gb/s Cooled EML TOSA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

1655 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  1655 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1655/ 56- Series
XMD MSA-compatible 10 Gb/s Cooled EML TOSA
Product Brief
Description
The 1655 (40km) and 1656 (80km) - Series XMD MSA com-
patible 10 Gb/s transmitter optical subassembly (TOSA)
integrates a high-speed electroabsorptive (EML) laser,
a monitor photodiode and a micro-TEC in a small form-
factor metallized ceramic package. It is designed for use
in SFP+ 10Gb/s transceivers and other types of optical
modules for high-speed telecommunication and data ap-
plications.
The 1655/ 56 -Series is available in the full range of C-band
ITU-T wavelengths operating at 10 Gb/s per channel. The
device exhibits excellent wavelength stability, supporting
operation at 100 GHz channel spacing over 20 years (as-
suming an end-of-life aging condition of <±90 pm), with
low hazard rates (~100FIT wearout over 20 yrs.).
1655/ 56 -Series uses Avagos’newest iteration of EML chip,
which operates at a higher temperature than its predeces-
sor, and therefore reduces TEC power dissipation when
in cooling mode. Overall power dissipation in SFP+ and
other transceivers can therefore be reduced significantly.
Features
Ultra small form-factor 8-pin XMD MSA TOSA
Supports data rates up to 11.3Gb/s
For use up to 80km (1600 ps/nm) at 10 Gb/s
Up to +2 dBm typical optical output power
Wavelength selectable to ITU-T standards covering the
full C-band with extended channels
Suitable for use in 100GHz channel spacing in DWDM
systems
Temperature stabilized
Very low TEC power consumption
LC receptacle, with standard and short flex options
50
Ω single-ended data input
Case operating temperature ranges:
-5 to +75°C (standard)
-40 to +90°C (extended)
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
CyOptics and the CyOptics logo are trademarks of CyOptics, Inc. in the United States and other countries.
Data subject to change. Copyright © 2005-2013 CyOptics, Inc. All rights reserved.
AV02-4119EN - June 5, 2013


Similar Part No. - 1655

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1655 LINER-1655 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
logo
List of Unclassifed Man...
1655 ETC2-1655 Datasheet
646Kb / 1P
   Variable isolated 0-150 VAC
logo
Alpha Wire
1655 ALPHAWIRE-1655 Datasheet
97Kb / 3P
   Customer Specification
2/20/2023
1655 ALPHAWIRE-1655 Datasheet
97Kb / 3P
   Customer Specification
3/12/2023
logo
Heyco.
1655 HEYCO-1655 Datasheet
117Kb / 1P
   Thin Panel Dome Plugs
More results

Similar Description - 1655

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
1625 BOARDCOM-1625 Datasheet
160Kb / 1P
   XMD MSA-compatible 10 Gb/s Cooled EML TOSA
logo
AVAGO TECHNOLOGIES LIMI...
1625 AVAGO-1625 Datasheet
168Kb / 1P
   XMD MSA-compatible 10 Gb/s Cooled EML TOSA
1610 AVAGO-1610 Datasheet
131Kb / 1P
   MSA-compatible 2.5 Gb/s Cooled DFB TOSA
logo
Broadcom Corporation.
1610 BOARDCOM-1610 Datasheet
131Kb / 1P
   MSA-compatible 2.5 Gb/s Cooled DFB TOSA
logo
AVAGO TECHNOLOGIES LIMI...
1608L1 AVAGO-1608L1 Datasheet
131Kb / 1P
   MSA-compatible 4.25Gb/s Cooled DWDM DFB TOSA
logo
Broadcom Corporation.
1608L1 BOARDCOM-1608L1 Datasheet
122Kb / 1P
   MSA-compatible 4.25Gb/s Cooled DWDM DFB TOSA
logo
Qorvo, Inc
TQP5115 QORVO-TQP5115 Datasheet
204Kb / 1P
   11.3 Gb/s EML Driver
logo
TriQuint Semiconductor
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
   11.3 Gb/s EML Driver
logo
California Eastern Labs
NX8510UD CEL-NX8510UD Datasheet
354Kb / 6P
   NECs InGaAsP MQW-DFB TOSA FOR 2.5 Gb/s CWDM APPLICATIONS
logo
Keysight Technologies
N4970A KEYSIGHT-N4970A Datasheet
2Mb / 6P
   PRBS generator 10 Gb/s
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com