Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2430IEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2430IEE
Description  Low-Voltage, Silicon RF Power Amplifier/Predriver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2430IEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2430IEE Datasheet HTML 1Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 2Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 3Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 4Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 5Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 6Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 7Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 8Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low-Voltage, Silicon RF Power
Amplifier/Predriver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC1 = VCC2 = RFOUT = 3V to 5.5V, GND1 = GND2 = GND3 = GND4 = 0V, SHDN = 2.2V, BIAS = open, RFIN = open,
TA = -20°C to +85°C, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(MAX2430 EV kit, f = 915MHz, VCC = 3.6V, SHDN = VCC, RFOUT matched to 50Ω resistive load, output measurements taken after
matching network, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC1, VCC2 ..........................................................................+6V
SHDN, BIAS...................................................-0.3V, (VCC + 0.3V)
RFIN.............................................................................-0.3V, +2V
PRFIN..................................................................................-3dBm
Continuous Power Dissipation (TA = +70°C)
PwrQSOP (derate 20mW/°C above +70°C) ......................1.6W
Narrow SO (derate 20mW/°C above +70°C) ....................1.6W
Operating Temperature Range ...........................-20°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
SHDN = low
No RF input applied, VCC = 5.5V
BIAS pin open
SHDN = VCC
CONDITIONS
µA
110
ICC(OFF)
Shutdown Supply Current
mA
52
70
ICC
V
3
5.5
VCC
Supply Voltage Range
Supply Current
V
2.2
VBIAS
BIAS Pin Voltage
V
2.2
VCC
VSHDN(HI)
SHDN High Input
V
0.4
VSHDN(LO)
SHDN Low Input
µA
18
ISHDN
SHDN Bias Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 3.0V
VCC = 3.6V
(Note 2)
PRFIN = -20dBm
f1 = 915MHz, f2 = 916MHz,
POUT per tone = 14dBm
CONDITIONS
dBm
19
20.4
P1dB
POUT at 1dB Compression
20
21.4
MHz
800
1000
Frequency Range
32
34
dB
GP
Power Gain
dBc
-30
OIM3
Output IM3
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
POUT = P1dB
POUT = P1dB
POUT = P1dB
POUT = P1dB
RFIN connected to 50
Ω source
%
24
η
Efficiency
dBc
-40
dBc
-26
2nd Harmonic
3rd Harmonic
mA
160
ICCRF
Supply Current
2:1
VSWRIN
Maximum Input VSWR
VCC = 3V to 5.5V, PRFIN ≤ -10dBm (Note 3)
8:1
VSWROUT
Maximum Output Load
Mismatch
dB
7
NF
Noise Figure
VCC = 3V to 5.5V, PRFIN ≤ -12dBm (Note 4)
6:1
VSWROUT
Maximum Output Load
Mismatch for Stability
31
33
MAX2430ISE
MAX2430IEE


Similar Part No. - MAX2430IEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2430 MAXIM-MAX2430 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX2430EVKIT-PWRQSOP MAXIM-MAX2430EVKIT-PWRQSOP Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX2430EVKIT-SO MAXIM-MAX2430EVKIT-SO Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
More results

Similar Description - MAX2430IEE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA910 PHILIPS-SA910 Datasheet
114Kb / 13P
   Variable gain RF predriver amplifier
1997 Aug 12
logo
Maxim Integrated Produc...
MAX2645 MAXIM-MAX2645 Datasheet
219Kb / 12P
   3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver
Rev 1; 8/03
logo
New Japan Radio
NJM2070 NJRC-NJM2070 Datasheet
127Kb / 4P
   LOW VOLTAGE POWER AMPLIFIER
logo
Renesas Technology Corp
M61556FP RENESAS-M61556FP_15 Datasheet
224Kb / 16P
   100 W 1-Channel Amplifier Predriver
M61556FP RENESAS-M61556FP Datasheet
200Kb / 14P
   100 W 1-Channel Amplifier Predriver
logo
Toshiba Semiconductor
TA7140P TOSHIBA-TA7140P Datasheet
469Kb / 6P
   VOLTAGE AMPLIFIER LOW OUTPUT POWER AMPLIFIER
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
   High-Voltage Switching, Predriver Applications
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
   High-Voltage Switching, Predriver Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027_15 Datasheet
152Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com