Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2422EAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2422EAI
Description  900MHz Image-Reject Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2422EAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2422EAI Datasheet HTML 5Page - Maxim Integrated Products MAX2422EAI Datasheet HTML 6Page - Maxim Integrated Products MAX2422EAI Datasheet HTML 7Page - Maxim Integrated Products MAX2422EAI Datasheet HTML 8Page - Maxim Integrated Products MAX2422EAI Datasheet HTML 9Page - Maxim Integrated Products MAX2422EAI Datasheet HTML 10Page - Maxim Integrated Products MAX2422EAI Datasheet HTML 11Page - Maxim Integrated Products MAX2422EAI Datasheet HTML 12Page - Maxim Integrated Products MAX2422EAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
900MHz Image-Reject Transceivers
_______________________________________________________________________________________
9
Pin Description (continued)
Ground Connection for VCO and Phase Shifters
26
GND
Ground (substrate)
27
GND
Ground Connection for Master Bias Cell
28
GND
Supply-Voltage Input for VCO and Phase Shifters. Bypass with a 47pF low-inductance capacitor to GND
(pin 26 if possible).
23
VCC
Supply-Voltage Input for Prescaler. Bypass with a 47pF low-inductance capacitor and 0.01µF to GND
(pin 20 if possible).
22
VCC
FUNCTION
PIN
NAME
Differential Oscillator Tank Port. See Applications Information for information on tank circuits or on using
an external oscillator.
25
Differential Oscillator Tank Port. See Applications Information for information on tank circuits or on using
an external oscillator.
24
TANK
TANK
VCC
VCC
VCC
17
16
15
18
19
21
1000pF
TRANSMIT IF INPUT (330
Ω)
VARACTOR:
ALPHA SMV1299-004
OR EQUIVALENT
RECEIVE IF OUTPUT (330
Ω)
SEE APPLICATIONS INFORMATION SECTION
L3: COILCRAFT 0805HS-060TJBC
COILCRAFT 0805HS-030TJBC
27
23
26
3
12
20
22
1
28
RECEIVE
RF INPUT
TRANSMIT
RF OUTPUT
5
9
7
6
0.01
µF
0.01
µF
47pF
VCC
VCC
0.1
µF
VCC
VCC
2
47pF
0.1
µF
8.2nH
12nH
22nH
18nH
47pF
47pF
47pF
8
11
0.01
µF
47pF
0.01
µF
MAX2420
MAX2421
MAX2422
MAX2460
MAX2463
6.8
3.3
3.3
6.8
6.8
L3
(nH)
PART
VCO TANK COMPONENTS FOR
915MHz TYPICAL RF
C26
(pF)
C2, C3
(pF)
1.8
3.6
3.0
1.5
2.4
3.3
4.0
4.0
4.0
4.7
R6, R7
(
Ω)
10
15
20
15
15
47pF
47pF
14
0.01
µF
47pF
RXIN
TXOUT
GND
VCC
VCC
GND
CAP2
GND
CAP1
VCC
VCC
TXON
RXON
VCOON
DIV1
MOD
PREOUT
TXON
RXON
VCOON
DIV1
MOD
TO PLL
GND
RXOUT
TXIN
100nH
GND
PREGND
47pF
VCC
24
25
VCO
ADJUST
C3
1k
47k
47pF
1k
C2
R6
R7
VCC
L3
C26
TANK
TXGAIN
LNAGAIN
TXGAIN
LNAGAIN
10
4
MAX2420
MAX2421
MAX2422
MAX2460
MAX2463
TANK
Figure 1. Typical Operating Circuit


Similar Part No. - MAX2422EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX242 MAXIM-MAX242 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX242 MAXIM-MAX242 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX242 MAXIM-MAX242 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2424 MAXIM-MAX2424 Datasheet
163Kb / 14P
   900MHz Image-Reject Receivers with Transmit Mixer
19-1350 Rev 2; 2/99
MAX2424EAI MAXIM-MAX2424EAI Datasheet
163Kb / 14P
   900MHz Image-Reject Receivers with Transmit Mixer
19-1350 Rev 2; 2/99
More results

Similar Description - MAX2422EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2440 MAXIM-MAX2440 Datasheet
182Kb / 12P
   900MHz Image-Reject Receivers
Rev 3; 8/03
MAX2424 MAXIM-MAX2424 Datasheet
163Kb / 14P
   900MHz Image-Reject Receivers with Transmit Mixer
19-1350 Rev 2; 2/99
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
logo
Merrimac Industries, In...
IMM-2D-20 MERRIMAC-IMM-2D-20 Datasheet
40Kb / 1P
   IMAGE REJECT MIXERS
IMP-2S-10 MERRIMAC-IMP-2S-10 Datasheet
146Kb / 2P
   IMAGE REJECT MIXERS
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com