Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDRQ127F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDRQ127F
Description  SMD Shielded Dual Wound Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDRQ127F Datasheet(HTML) 1 Page - Central Technologies

  CTDRQ127F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.24.12
SMD Shielded Dual Wound Inductor/Transformerwww.ctparts.com
CTDRQ127F
Series
From 0.47 µH to 1000 µH
SPECIFICATIONS
Part numbers indicate inductance tolerance available.
M = ±20%, N = ±30%
Ipeak: Based on DL/L0A = 30% Typ.
Irms: Based on temp. rise 40°C Typ.
DCR
Ipeak
Irms
DCR
Ipeak
Irms
Part
Inductance
(mΩ)
(A)
(A)
Inductance (mΩ)
(A)
(A)
Number
(µH)
Max.
Typ.
Typ.
(µH)
Max.
Typ.
Typ.
CTDRQ127F-R47N
0.47
5.5
56.00
17.90
1.676
21.6
28.00
8.940
CTDRQ127F-1R0N
1.0
6.7
40.00
15.50
3.284
26.0
20.00
7.740
CTDRQ127F-1R5N
1.5
7.6
31.10
13.50
5.428
30.6
15.60
6.770
CTDRQ127F-2R2N
2.2
9.2
25.50
12.50
8.108
33.8
12.70
6.230
CTDRQ127F-3R3N
3.3
11.0
21.50
10.40
11.320
40.0
10.80
5.230
CTDRQ127F-4R7N
4.7
13.5
16.50
8.25
19.360
50.0
8.240
4.130
CTDRQ127F-6R8N
6.8
18.3
13.30
7.34
29.550
65.6
6.670
3.670
CTDRQ127F-8R2N
8.2
19.1
12.20
6.32
35.440
71.4
6.090
3.160
CTDRQ127F-100M
10
24.1
11.20
6.04
41.880
92.1
5.600
3.020
CTDRQ127F-150M
15
33.3
9.66
5.03
56.360
129
4.830
2.510
CTDRQ127F-220M
22
50.3
7.57
4.00
91.720
192
3.780
2.000
CTDRQ127F-330M
33
66.4
6.22
3.23
135.70
265
3.110
1.610
CTDRQ127F-470M
47
89.8
5.28
2.95
188.20
353
2.640
1.470
CTDRQ127F-680M
68
123
4.44
2.44
265.90
469
2.220
1.220
CTDRQ127F-820M
82
153
4.06
2.09
319.00
578
2.030
1.040
CTDRQ127F-101M
100
175
3.64
1.96
397.20
701
1.820
0.980
CTDRQ127F-151M
150
261
3.01
1.59
579.60
1013
1.510
0.796
CTDRQ127F-221M
220
343
2.43
1.29
886.00
1380
1.220
0.645
CTDRQ127F-331M
330
540
2.01
1.04
1294.0
2172
1.010
0.522
CTDRQ127F-471M
470
865
1.68
0.85
1868.0
3300
0.838
0.427
CTDRQ127F-681M
680
1296
1.39
0.76
2707.0
4888
0.697
0.380
CTDRQ127F-821M
820
1632
1.27
0.65
3272.0
5896
0.633
0.325
CTDRQ127F-102M
1000
1992
1.14
0.61
4020.0
7202
0.571
0.307
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Shielded Dual Wound Inductor/Transformer.
Applications: As a SEPIC or flyback transformer. As a buck,
boost or coupled inductor. DC/DC Converters. VRM inductor for
CPU and DDR power supplies. Input and output filter chokes.
Operating Temperature: -40°C to +125°C (Temp. rise included)
Resistance to Solder Heat: 245°C, 10 Sec.
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4285A at 100KHz, 0.25V
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
XXX
A
B
C
D
F
E
1
3
2
4
N1
N2
1
3
2
4
N1
N2
1
3
2
4
N1
N2
Dual Inductor
Series
Parallel
Schematics:
Marking:
Inductance Code
1
2
4
3
Dual Inductor Mode
Series Mode
2
1
3
4
2.50 Ref.
3.85 Ref.
0.50 Ref.
2
1
3
4
2.50 Ref.
3.85 Ref.
0.50 Ref.
A
B
C
D
E
F
Max.
Max.
Max.
12.50
12.50
8.0
5.0±0.3
1.80±0.2
7.60±0.2
0.49
0.49
0.31
0.20±0.012
0.071±0.0079
0.30±0.0079
Size
mm
inches
Parallel Ratings
Series Ratings
Unit: mm


Similar Part No. - CTDRQ127F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR0904F CT-CTDR0904F Datasheet
223Kb / 2P
   Data Line Chokes
CTDR0904F-101 CT-CTDR0904F-101 Datasheet
223Kb / 2P
   Data Line Chokes
CTDR0904F-102 CT-CTDR0904F-102 Datasheet
223Kb / 2P
   Data Line Chokes
CTDR0904F-110 CT-CTDR0904F-110 Datasheet
223Kb / 2P
   Data Line Chokes
CTDR0904F-250 CT-CTDR0904F-250 Datasheet
223Kb / 2P
   Data Line Chokes
More results

Similar Description - CTDRQ127F

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-8040S ABRACON-ASPI-8040S Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.03.14
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-4020S ABRACON-ASPI-4020S Datasheet
2Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
03.07.13
ASPI-2010HC ABRACON-ASPI-2010HC Datasheet
1Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2012 ABRACON-ASPI-2012 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
12.18.13
ASPI-4030S ABRACON-ASPI-4030S Datasheet
2Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
03.09.13
ASPI-6045S ABRACON-ASPI-6045S Datasheet
2Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.05.14
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
   WIRE WOUND SMD INDUCTOR
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com