Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTCDRH74BF Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH74BF
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH74BF Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH74BF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 09.05.12
Power Inductors - Shielded
www.ctparts.com
CTCDRH74BF
Series
From 10 µH to 1000 µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance.
L Test
DCR
IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(KHz)
(W)
(A)
CTCDRH74BF-100M
10
1.0
.05
1.9
CTCDRH74BF-120M
12
1.0
.06
1.7
CTCDRH74BF-150M
15
1.0
.08
1.5
CTCDRH74BF-180M
18
1.0
.09
1.3
CTCDRH74BF-220M
22
1.0
.11
1.2
CTCDRH74BF-270M
27
1.0
.15
1.1
CTCDRH74BF-330M
33
1.0
.17
.96
CTCDRH74BF-390M
39
1.0
.23
.91
CTCDRH74BF-470M
47
1.0
.26
.88
CTCDRH74BF-560M
56
1.0
.35
.75
CTCDRH74BF-680M
68
1.0
.38
.69
CTCDRH74BF-820M
82
1.0
.43
.61
CTCDRH74BF-101M
100
1.0
.61
.60
CTCDRH74BF-121M
120
1.0
.66
.52
CTCDRH74BF-151M
150
1.0
.88
.46
CTCDRH74BF-181M
180
1.0
.98
.42
CTCDRH74BF-221M
220
1.0
1.2
.36
CTCDRH74BF-271M
270
1.0
1.6
.34
CTCDRH74BF-331M
330
1.0
1.9
.32
CTCDRH74BF-391M
390
1.0
2.9
.29
CTCDRH74BF-471M
470
1.0
3.0
.26
CTCDRH74BF-561M
560
1.0
3.6
.23
CTCDRH74BF-681M
680
1.0
4.6
.22
CTCDRH74BF-821M
820
1.0
5.2
.20
CTCDRH74BF-102M
1000
1.0
6.0
.18
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD (shielded) power inductor.
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 1.0KHz.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant. Magnetically shielded.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
C
D
E
B
Marking
(Inductance Code)
XXX
A
B
C
D
E
Max.
Max.
Max.
7.5
7.5
4.5
2.7±0.2
5.1±0.2
0.3
0.3
0.18
0.11±0.008
0.20±0.008
Size
mm
inches
ENGINEERING KIT #38F


Similar Part No. - CTCDRH74BF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH74BF-100M CT-CTCDRH74BF-100M Datasheet
227Kb / 1P
   Power Inductors - Shielded
CTCDRH74BF-101M CT-CTCDRH74BF-101M Datasheet
227Kb / 1P
   Power Inductors - Shielded
CTCDRH74BF-102M CT-CTCDRH74BF-102M Datasheet
227Kb / 1P
   Power Inductors - Shielded
CTCDRH74BF-120M CT-CTCDRH74BF-120M Datasheet
227Kb / 1P
   Power Inductors - Shielded
CTCDRH74BF-121M CT-CTCDRH74BF-121M Datasheet
227Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTCDRH74BF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com