Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX2320EUP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 7 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
_______________________________________________________________________________________
7
Typical Operating Characteristics
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
0
5
15
10
20
25
PCS-BAND SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
50
0
100
HGHL
LGHL
HGLL
0
5
15
10
20
25
CELLULAR-BAND SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
50
0
100
HGHL
LGHL
HGLL
CELLULAR-BAND LNA S11
LGHL
HGLL, FM
HGHL
CELLULAR-BAND LNA S22
LGHL
HGLL, FM
HGHL
PCS-BAND LNA S11
LGHL
HGLL
HGHL
PCS-BAND LNA S22
LGHL
HGLL
HGHL
PCS-BAND MIXER S11
ALL MODES
CELLULAR-BAND MIXER S11
ALL MODES
0
40
20
100
80
60
140
120
160
0.50
0.40
0.30
0.70
0.60
0.80
0
150 200
50 100
250 300 350 400 450
DIGITAL MIXER DIFFERENTIAL IF
PORT IMPEDANCE
MAX2320 toc09
FREQUENCY (MHz)
CAPACITANCE
RESISTANCE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl