Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX2320EUP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 6 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
6
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOLIN = 1091MHz (digital mode), fLOLIN =
991MHz (FM mode), fLOHIN = 1750MHz (MAX2320, MAX2322 with LOX2 = low, MAX2326 with BAND = low, MAX2327), fLLOHIN =
1085MHz (MAX2321 with BAND = low, MAX2322 with LOX2 = high), fLOHIN = 1091MHz (MAX2321 with BAND = high), fLOHIN =
2182MHz (MAX2326 with BAND = high), LO input power = -7dBm (MAX2320/MAX2326), 50
Ω system, TA = +25°C, unless otherwise
noted.) (Note 2)
Note 1: See Tables 1–5 for operational mode selection.
Note 2: A total of 36 devices from 3 different wafer lots are used to determine the standard deviation. The lots were selected to rep-
resent worst-case process conditions.
Note 3: Operation is characterized for the frequencies specified in the conditions; for other frequencies in the band, see Tables 8–12
for LNA and mixer S parameters.
Note 4: Guaranteed by design, characterization, and production functional test.
Note 5: Guaranteed by design and characterization.
Note 6: For cellular band, RF inputs are -25dBm each tone at 881MHz and 882MHz, fLO = 1091MHz. For PCS band, RF inputs are
-25dBm each tone at 1960MHz and 1961MHz, fLO = 2170MHz. For IIP3 vs. ICC trade-off, see Typical Operating
Characteristics.
PARAMETER
SYMBOL
CONDITIONS
MIN
-3
σ
TYP
+3
σ
MAX
UNITS
HIGH-GAIN, LOW-LINEARITY, AND LOW-GAIN MODES (Note 1)
Without doubler
10.6
11.3
12
12.1
12.8
PCS
With doubler
10.2
10.8
11.5
12.4
13.1
Gain (Note 4)
G
Cellular Band
11.2
12.1
13
13.8
14.7
dB
PCS
±1
±1
Gain Variation Over
Temperature Relative
to +25
°C
TA = -40
°C to
+85
°C
Cellular
±1
±1
dB
Without doubler
7.2
7.5
7.6
PCS
With doubler
(Note 7)
10.5
12
13.4
Without divider
7
7.2
7.6
Noise Figure
NF
Cellular
With divider
7.5
7.7
8.1
dB
Without doubler
+1
PCS
With doubler
+2.2
Input Third-Order
Intercept
IIP3
Cellular
+1.0
dBm
FM MODE (Note 1)
TA = +25
°C
9.7
10.4
11.2
11.9
12.7
Gain (Note 4)
G
TA = -40
°C to +85°C
7.8
9.0
11.2
14.0
15.4
dB
Noise Figure
NF
10.6
11.1
11.5
dB
Input Third-Order
Intercept (Notes 5, 6)
IIP3
TA = -40
°C to +85°C
2.3
3.2
4.9
dBm
LO BUFFER PERFORMANCE (BUFFEN = HIGH)
Load = 100
Ω pullup resistor
-12
LO Output Level
BUFFEN = GND
-44
dBm
LO_OUT Even Harmonic
Distortion
-31
dBc
LO Emissions at LNA
Input Port
Interstage filter rejection = 20dB
-50
dBm




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl