Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX2320EUP Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 14 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
14
______________________________________________________________________________________
PIN
Pin Description (continued)
MAX2320
MAX2321
MAX2326
MAX2322
NAME
FUNCTION
MAX2324
MAX2327
11
11
High-Frequency LO Buffer Output. Open-collec-
tor output requires pull-up inductor or pull-up
resistor of 100
Ω or less. Reactive match to the
load delivers maximum power.
LOHOUT
11
12
12
13
13
FM Mixer Output. Requires a pull-up inductor to
VCC and a series capacitor as part of the match-
ing network.
FMOUT
13
Low-Frequency LO Buffer Output. Open-collec-
tor output requires pull-up inductor or pull-up
resistor of 100
Ω or less. Reactive match to the
load delivers maximum power.
LOLOUT
12
13
14
14
14
Power Supply. Bypass with a 1000pF capacitor
as close to the pin as possible.
VCC
14
15
15
15
16, 17
16, 17
CDMA Mixer Differential Outputs. Require pull-
up inductors and series capacitors as part of the
matching network.
CDMA-,
CDMA+
16, 17
LO Output Buffer Enable. The LO buffers are
controlled separately from the rest of the IC. Drive
BUFFEN high to power up the LO output buffer
associated with the selected LO input port.
BUFFEN
15
LO Doubler Logic Input. Drive LOX2 high to
enable the LO doubler.
LOX2
18
18
18
19
19
Low-Band Mixer Input. Requires a blocking
capacitor and a matching network. The capaci-
tor may be used as part of the matching net-
work.
MIXINL
19
20
20
2, 5, 9, 12,
19
3
1, 10, 11, 20
No Connection. Do not make any connection to
these pins.
N.C.
High-Band Mixer Input. Requires a blocking
capacitor and a matching network. The capaci-
tor may be used as part of the matching net-
work.
MIXINH
20
Bias-Setting Resistor Connection. For nominal
bias, connect 20k
Ω resistor to ground. The resis-
tor value controls the digital LNA’s linearity in
low-gain, digital, or FM mode, and controls the
mixers in all modes.
RBIAS
18
Slug
Slug
Slug
Ground Reference for RF, DC, and Logic Inputs.
Solder the slug evenly to the board ground
plane.
GND
Slug
16, 17
Mixer Differential Outputs. Require pull-up
inductors and series capacitors as part of the
matching network.
IFOUT+,
IFOUT-
PIN




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl