Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX2320EUP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part No. MAX2320EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 13 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
13
Pin Description
PIN
1
1
2
2
3
3
LNA Bias-Setting Resistor Connection. For nominal bias,
connect a 20k
Ω resistor to ground. The resistor value
controls the LNA’s linearity in high-gain, high-linearity
modes.
RLNA
3
Low-Band LNA Output. Connect a pull-up inductor to
VCC and an external series capacitor as part of the
matching network.
LNAOUTL
2
High-Band LNA Output. Connect a pull-up inductor to
VCC and an external series capacitor as part of the
matching network.
LNAOUTH
1
4
4
4
Logic Output. Indicates mode of operation. VMODEOUT =
high in FM mode.
MODEOUT
5
5
6
7
6
Shutdown Logic Input. See Detailed Description for con-
trol modes.
SHDN
Low-Band RF Input. Requires a blocking capacitor and a
matching network. The capacitor may be used as part of
the matching network.
LNAINL
5
High-Band RF Input. Requires a blocking capacitor and
a matching network. The capacitor may be used as part
of the matching network.
LNAINH
4
6
7
7
Linearity-Select Logic Input. See Detailed Description for
control modes.
LIN
7
8
8
9
9
Low-Frequency LO Input. Used in FM mode on all parts
and in cellular digital mode for MAX2320/MAX2324.
LOLIN
9
Gain-Select Logic Input. See Detailed Description for
control modes.
GAIN
8
Band-Select Logic Input. See Detailed Description for
control modes.
BAND
6
10
10
High-Frequency LO Input. For MAX2321, used in cellular
digital mode and in PCS mode with the doubler active.
For MAX2320/MAX2327, used in PCS mode without the
doubler. For MAX2322, used with or without the doubler.
For MAX2326, used in PCS mode and cellular digital
mode with the divide-by-two.
LOHIN
10
MAX2320
MAX2321
MAX2326
MAX2322
NAME
MAX2324
MAX2327
FUNCTION
8
Cellular-Band Mode Select Logic Input. See Detailed
Description for control modes.
MODE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9982825MHz to 915MHz SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
CLC005ITU-T G.703 Cable Driver with Adjustable Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LP2986Micropower 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl