Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2264EUE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2264EUE
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2264EUE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2264EUE Datasheet HTML 1Page - Maxim Integrated Products MAX2264EUE Datasheet HTML 2Page - Maxim Integrated Products MAX2264EUE Datasheet HTML 3Page - Maxim Integrated Products MAX2264EUE Datasheet HTML 4Page - Maxim Integrated Products MAX2264EUE Datasheet HTML 5Page - Maxim Integrated Products MAX2264EUE Datasheet HTML 6Page - Maxim Integrated Products MAX2264EUE Datasheet HTML 7Page - Maxim Integrated Products MAX2264EUE Datasheet HTML 8Page - Maxim Integrated Products MAX2264EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
_______________________________________________________________________________________
5
Note 1: Minimum and maximum values are guaranteed by design and characterization, not production tested.
Note 2: PMAX is met over this frequency range at the ACPR limit with a single matching network. For optimum performance at other
frequencies, the output matching network must be properly designed. See the Applications Information section. Operation
between 750MHz and 1000MHz is possible but has not been characterized.
Note 3: PAE is specified into a 50
Ω load, while meeting ACPR requirements.
Note 4: Time from logic transition until POUT is within 1dB of its final mean power.
Note 5: Murata isolator as load with 20:1 VSWR any phase angle after isolator.
Note 6: Noise power can be improved by using the circuit in Figures 1, 2, and 3.
Note 7: Harmonics measured on evaluation kit, which provides some harmonic attenuation in addition to the rejection provided by
the IC. The combined suppression is specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
AMPS Power-Added Efficiency
PAE
48
%
Power-Mode Switching Time
550
ns
Turn-On Time (Notes 1, 4)
15
µs
Maximum Input VSWR
VSWR
2.4:1
Nonharmonic Spurious due
to Load Mismatch (Notes 1, 5)
-60
dBc
Noise Power (Note 6)
-137
-130
AMPS Noise Power (Note 6)
-136
dBm/Hz
Harmonic Suppression
32
dBc
CONDITIONS
PIN = 8dBm
(Note 4)
PWR = VCC or GND
fIN = 824MHz to 849MHz, PWR = GND or VCC
PIN = 10dBm
Measured at 881MHz
PWR = GND, measured at 881MHz
Measured at 881MHz, PIN = 8dBm
(Note 7)
dBm/Hz
AC ELECTRICAL CHARACTERISTICS—MAX2266 (continued)
(MAX2266 EV kit, VCC = VPWR = V SHDN = +3.3V, TA = +25°C, fIN = 836MHz, CDMA modulation, SHDN = VCC, matching networks
tuned for 824MHz to 849MHz operation, 50
Ω system, unless otherwise noted.)
Typical Operating Characteristics
(MAX2264/MAX2265/MAX2266 EV kits, VCC = +3.3V, SHDN = VCC, CDMA modulation, TA = +25°C, unless otherwise noted.)
0
20
40
60
80
100
120
140
2.5
3.5
3.0
4.0
4.5
5.0
5.5
MAX2264
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85°C
TA = -40°C
TA = +25°C
PWR = GND
SHDN = GND
NO INPUT DRIVE
20
22
26
24
28
30
2.5
3.5
3.0
4.0
4.5
5.0
MAX2264
GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
PWR = VCC
TA = -40°C
TA = +85°C
TA = +25°C
18
20
24
22
26
28
2.5
4.0
3.0
3.5
4.5
5.0
MAX2264
GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
PWR = GND
TA = -40°C
TA = +85°C
TA = +25°C


Similar Part No. - MAX2264EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2264EVKIT MAXIM-MAX2264EVKIT Datasheet
419Kb / 12P
   RF Input/Output Matched for 824MHz to 849MHz Operation
Rev 2; 11/99
More results

Similar Description - MAX2264EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2267 MAXIM-MAX2267 Datasheet
186Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1567; Rev 0; 1/00
MAX2251 MAXIM-MAX2251 Datasheet
193Kb / 10P
   2.8V, Single-Supply, Cellular-Band Linear Power Amplifier
Rev 2; 2/03
logo
Motorola, Inc
MHL9236 MOTOROLA-MHL9236 Datasheet
277Kb / 4P
   CELLULAR BAND RF LINEAR LDMOS AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Freescale Semiconductor...
MHL9838N FREESCALE-MHL9838N Datasheet
72Kb / 5P
   Cellular Band RF Linear LDMOS Amplifier
logo
Motorola, Inc
MHL9838 MOTOROLA-MHL9838 Datasheet
275Kb / 4P
   CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
logo
Freescale Semiconductor...
MHL9236N FREESCALE-MHL9236N Datasheet
75Kb / 5P
   Cellular Band RF Linear LDMOS Amplifier
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
logo
ANADIGICS, Inc
AWT6222 ANADIGICS-AWT6222 Datasheet
406Kb / 8P
   HELP3TM Tri-band US Cellular/Japan Cellular/IMT UMTS/WCDMA Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com