Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3448M Datasheet(PDF) 8 Page - International Rectifier

Part # IR3448M
Description  Single 5V to 21V application
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3448M Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3448M Datasheet HTML 4Page - International Rectifier IR3448M Datasheet HTML 5Page - International Rectifier IR3448M Datasheet HTML 6Page - International Rectifier IR3448M Datasheet HTML 7Page - International Rectifier IR3448M Datasheet HTML 8Page - International Rectifier IR3448M Datasheet HTML 9Page - International Rectifier IR3448M Datasheet HTML 10Page - International Rectifier IR3448M Datasheet HTML 11Page - International Rectifier IR3448M Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
IR3448
8
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 18,. 2015
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Source Current
Isource_RS
3
13
20
mA
Sink Current
Isink_RS
0.4
1
2
mA
Slew Rate
Slew_RS
Note 4, Cload = 100pF
2
4
8
V / µs
RS+ input impedance
Rin_RS+
45
63
85
kohm
RS- input impedance
Rin_RS-
Note 4
63
kohm
Maximum Voltage
Vmax_RS
V(VCC) – V(RSo)
0.5
1
1.5
V
Minimum Voltage
Min_RS
50
mV
Internal Digital Soft Start
Soft Start Clock
Clk_SS
Note 4
180
200
220
kHz
Soft Start Ramp Rate
Ramp(SS_Start)
Note 4
0.3
0.4
0.5
mV /
µs
Bootstrap Diode
Forward Voltage
I(Boot) = 30mA
360
520
960
mV
Switch Node
SW Leakage Current
lsw
SW = 0V, Enable = 0V
1
µA
Internal Regulator (VCC/LDO)
Output Voltage
VCC
Vin(min) = 7.2V, Io=0-30mA,
Cload = 2.2uF, DCM=0
6.3
6.8
7.1
V
Vin(min) = 7.2V, Io=0-30mA,
Cload = 2.2uF, DCM=1
4
4.4
4.8
VCC dropout
VCC_drop
Vin = 7V, Io=70 mA, Cload =
2.2uF
0.7
V
Short Circuit Current
Ishort
Note 4
70
mA
Zero-crossing
Comparator Delay
Tdly_zc
256 /
Fs
s
Zero-crossing
Comparator Offset
Vos_zc
Note 4
0
mV
Body Braking
BB Threshold
BB_threshold
Fb > Vref, Sw duty cycle, Note 3
0
%
FAULTS
Power Good
Power Good low upper
threshold
VPG_low(upper)
Vsns Rising
115
120
125
%
VREF
Power Good low Upper
Threshold Falling delay
VPG_low(upper)_Dly
Vsns > VPG_low(upper)
1.5
2.5
3.5
µs
Power Good high lower
threshold
VPG_high(lower)
Vsns Rising
95
%
VREF
Power Good high Lower
Threshold Rising Delay
VPG_high(lower)_Dly
Vsns rising
1.28
ms
Power Good low lower
threshold
VPG_low(lower)
Vsns falling
90
%
VREF
Power Good low lower
Threshold Falling delay
VPG_low(lower)_Dly
Vsns < VPG_low(lower)
101
150
199
µs
PGood Voltage Low
PG (voltage)
IPGood = -5mA
0.5
V


Similar Part No. - IR3448M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3448MPBF IRF-IR3448MPBF Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448MTR1PBF IRF-IR3448MTR1PBF Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448MTRPBF IRF-IR3448MTRPBF Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3448MTRPBF INFINEON-IR3448MTRPBF Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
More results

Similar Description - IR3448M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3447M IRF-IR3447M_15 Datasheet
1Mb / 51P
   Single 5V to 21V application
IR3827M IRF-IR3827M_15 Datasheet
2Mb / 44P
   Single input voltage range from 5V to 21V
IR3823M IRF-IR3823M_15 Datasheet
2Mb / 41P
   Single input voltage range from 5V to 21V
logo
Maxim Integrated Produc...
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17546EVKITB MAXIM-MAX17546EVKITB Datasheet
878Kb / 10P
   5V Output-Voltage Application
Rev 2; 4/18
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
   5V/1A charger application
logo
Maxim Integrated Produc...
MAX17632C5EVKIT MAXIM-MAX17632C5EVKIT Datasheet
867Kb / 11P
   5V Output-Voltage Application
Rev 0; 11/17
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
   5V Output-Voltage Application
Rev 0; 1/14
logo
Shaanxi Reactor Micro...
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
   5V,2A charger application
logo
Maxim Integrated Produc...
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
   5V Output-Voltage Application
Rev 0; 12/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com