Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2520D Datasheet(PDF) 10 Page - International Rectifier

Part # IR2520D
Description  ADAPTIVE BALLAST CONTROL IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2520D Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2520D_15 Datasheet HTML 6Page - International Rectifier IR2520D_15 Datasheet HTML 7Page - International Rectifier IR2520D_15 Datasheet HTML 8Page - International Rectifier IR2520D_15 Datasheet HTML 9Page - International Rectifier IR2520D_15 Datasheet HTML 10Page - International Rectifier IR2520D_15 Datasheet HTML 11Page - International Rectifier IR2520D_15 Datasheet HTML 12Page - International Rectifier IR2520D_15 Datasheet HTML 13Page - International Rectifier IR2520D_15 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IR2520D(S)&(PbF)
10
www.irf.com
over-current fault. By using the RDSon of the external low-
side MOSFET for current sensing and the VS-sensing
circuitry, the IR2520D eliminates the need for an additional
current sensing resistor, filter and current-sensing pin. To
cancel changes in the RDSon value due to temperature and
MOSFET variations, the IR2520D performs a crest factor
measurement that detects when the peak current exceeds
the average current by a factor of 5 (CSCF). Measuring the
crest factor is ideal for detecting when the inductor saturates
due to excessive current that occurs in the resonant tank
when the frequency sweeps through resonance and the
lamp does not ignite. When the VCO voltage ramps up for
the first time from zero, the resonant tank current and
voltages increase as the frequency decreases towards
resonance (Figure 8). If the lamp does not ignite, the inductor
current will eventually saturate but the crest factor fault
protection is not active until the VCO voltage exceeds 4.8V
(VVCO_RUN) for the first time. The frequency will continue
decreasing to the capacitive side of resonance towards
the minimum frequency setting and the resonant tank current
and voltages will decrease again. When the VCO voltage
exceeds 4.8V (VVCO_RUN), the IC enters Run Mode and
the non-ZVS protection and crest factor protection are both
enabled. The non-ZVS protection will increase the
frequency again cycle-by-cycle towards resonance from
the capacitive side. The resonant tank current will increase
again as the frequency nears resonance until the inductor
saturates again.
The crest factor protection is now enabled and measures
the instantaneous voltage at the VS pin only during the time
when LO is ‘high’ and after an initial 1us blank time from the
rising edge of LO. The blank time is necessary to prevent
the crest factor protection circuit from reacting to a non-
ZVS condition. An internal averaging circuit averages the
instantaneous voltage at the VS pin over 10 to 20 switching
cycles of LO. During Run Mode, the first time the inductor
saturates when LO is ‘high’ (after the 1us blank time) and
the peak current exceeds the average by 5 (CSCF), the
IR2520D will enter Fault Mode and both LO and HO outputs
will be latched ‘low’. The half-bridge will be safely disabled
before any damage can occur to the ballast components.
The crest factor peak-to-average fault factor varies as a
function of the internal average (Figure 20). The maximum
internal average should be below 3.0 volts. Should the
average exceed this amount, the multiplied average voltage
can exceed the maximum limit of the VS sensing circuit and
the VS sensing circuit will no longer detect crest factor
LO
IL
VVCO
4.6V
INDUCTIVE SIDE
OF RESONANCE
CAPACITIVE SIDE
OF RESONANCE
FREQUENCY SWEEP MODE
RUN MODE
FAULT MODE
IMLS
AVG*5
Inductor
saturation
Fig. 8 Crest factor protection timing diagram
FAULT MODE
During Run Mode, should the VCO voltage decrease below
0.82V (VVCOSD) or a crest factor fault occur, the IR2520D
will enter Fault Mode (see State Diagram). The LO and HO
gate driver outputs are both latched ‘low’ so that the half-
bridge is disabled. The VCO pin is pulled low to COM and
the FMIN pin decreases from 5V to COM. VCC draws
micro-power current (ICCFLT) so that VCC stays at the
clamp voltage and the IC remains in Fault Mode without the
need for the charge-pump auxiliary supply. To exit Fault
Mode and return to Frequency Sweep Mode, VCC must be
cycled below the UVLO- threshold and back above the
UVLO+ threshold.
faults. This can occur when a half-bridge MOSFET is
selected that has an RDSon that is too large for the application
causing the internal average to exceed the maximum limit.


Similar Part No. - IR2520D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2520DPBF IRF-IR2520DPBF Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2520DS IRF-IR2520DS Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2520DSPBF IRF-IR2520DSPBF Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2520DSTRPBF IRF-IR2520DSTRPBF Datasheet
346Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
More results

Similar Description - IR2520D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2520DSTRPBF IRF-IR2520DSTRPBF Datasheet
346Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2520DS IRF-IR2520DS Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com