Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2238Q Datasheet(PDF) 1 Page - International Rectifier

Part # IR2238Q
Description  3-PHASE AC Motor Controller IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2238Q Datasheet(HTML) 1 Page - International Rectifier

  IR2238Q Datasheet HTML 1Page - International Rectifier IR2238Q Datasheet HTML 2Page - International Rectifier IR2238Q Datasheet HTML 3Page - International Rectifier IR2238Q Datasheet HTML 4Page - International Rectifier IR2238Q Datasheet HTML 5Page - International Rectifier IR2238Q Datasheet HTML 6Page - International Rectifier IR2238Q Datasheet HTML 7Page - International Rectifier IR2238Q Datasheet HTML 8Page - International Rectifier IR2238Q Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Block
Diagram
3-PHASE AC Motor Controller IC
Features
Floating channel up to +1200V
“soft” over-current shutdown turns off output
Integrated desaturation circuit
Two stage turn on output for di/dt control
Integrated brake IGBT driver with protection
Voltage feedback sensing function
Separate pull-up/pull-down output drive pins
Matched delay outputs
Under voltage lockout with hysteresis band
Programmable deadtime
Hard shutdown function
Product Summary
VOFFSET
1200V max.
IO+/- (min.)
220mA/460mA
VOUT
12.5V - 20V
Brake (Io+/- min)
40mA/80mA
Deadtime Asymmetry Skew (max.)
145nsec
Deadtime (typ. with RDT=39k
Ω)
1
µsec
DESAT Blanking time (typ.)
3.0
µsec
DSH, DSL input voltage
threshold (typ.)
8.0V
Soft shutdown duration time (typ.)
6.0
µsec
Voltage feedback matching
delay time (max.)
125nsec
www.irf.com
1
Description
The IR2238Q is a high voltage, 3-phase IGBT driver
best suited for AC motor drive applications. Integrated
desaturation logic provides all mode of overcurrent
protection, including ground fault protection. Soft shut-
down is predominantly initiated in the event of
overcurrent followed by turn-off of all six outputsf. A
shutdown input is provided for a customized shut-
down function. The DT pin allows external resistor to
program the deadtime. Output drivers have separate
turn on/off pins with two stage turn-on output to
achieve the desired di/dt switching level of IGBT.
Voltage feedback provides accurate volts *seconds
measurement.
IR2238Q
Data Sheet No. PD6022
8
(Refer to Lead
Assignments for
correct pin
configuration).
This diagram
shows electrical
connections only.
Package
64-Lead MQFP
HOP1,2,3
HON1,2,3
LOP1,2,3
LON1,2,3
BR
VS1,2,3
VB1,2,3
COM
LIN1,2,3
HIN1,2,3
FAULT
VFH1,2,3
VCC
VSS
BRIN
DSH1,2,3
3
uP,Control
15V
DC
BUS
IR2238Q
U
V
W
Motor
3
VFL1,2,3
DSL1,2,3
VCC
SD
VCC
DSB
LOQ1,2,3
HOQ1,2,3
DT


Similar Part No. - IR2238Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
More results

Similar Description - IR2238Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Motorola, Inc
MC3PHAC MOTOROLA-MC3PHAC Datasheet
724Kb / 44P
   3-Phase AC Motor Controller
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Renesas Technology Corp
M63155FP RENESAS-M63155FP Datasheet
847Kb / 41P
   3 PHASE BRUSHLESS MOTOR CONTROLLER
logo
Allegro MicroSystems
A4923 ALLEGRO-A4923 Datasheet
536Kb / 11P
   3-Phase Sinusoidal Motor Controller
logo
Micro Linear Corporatio...
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
   1, 2, or 3-Phase Variable Speed AC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com