Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2238Q Datasheet(PDF) 4 Page - International Rectifier

Part # IR2238Q
Description  3-PHASE AC Motor Controller IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2238Q Datasheet(HTML) 4 Page - International Rectifier

  IR2238Q_15 Datasheet HTML 1Page - International Rectifier IR2238Q_15 Datasheet HTML 2Page - International Rectifier IR2238Q_15 Datasheet HTML 3Page - International Rectifier IR2238Q_15 Datasheet HTML 4Page - International Rectifier IR2238Q_15 Datasheet HTML 5Page - International Rectifier IR2238Q_15 Datasheet HTML 6Page - International Rectifier IR2238Q_15 Datasheet HTML 7Page - International Rectifier IR2238Q_15 Datasheet HTML 8Page - International Rectifier IR2238Q_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
www.irf.com
IR2238Q
IOBR+
BR output high short circuit pulsed current
40
70
VBR=0V, VBRIN=0V
PW
≤ 10 µs
IOBR-
BR output low short circuit pulsed current
80
125
VBR=15V,VBRIN=5V
PW
≤ 10 µs
VOHB
BR high level output voltage, VCC-VBR
300
VOLB
BR low level output voltage, VBR
150
VOLVF
VFH or VFL low level output voltage
0.8
V
IVF = 10mA
RON,VF
VFH or VFL output on resistance
60
RON,SS
Soft shutdown on resistance
500
RON,FLT
FAULT low on resistance
60
VDESAT+
High DSH1,2,3 and DSL1,2,3 and DSB input
8.0
threshold voltage
VDESAT-
Low DSH1,2,3 and DSL1,2,3 or DSB input
7.0
threshold voltage
VDSTH
DS input voltage hysteresis
1.0
Symbol
Definition
Min. Typ. Max. Units Test Conditions
mV
IBR = 1mA
mA
Static Electrical Characteristics cont.
VBIAS (VCC, VBS1,2,3) = 15V and TA = 25
oC unless otherwise specified. The VIN, VTH and IIN parameters are refer-
enced to VSS and are applicable to all six channels (HOP/HOQ/HON1,2,3 and LOP/LOQ/LON1,2,3). The VO and IO
parameters are referenced to COM and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
VDESAT and IDESAT parameters are referenced to COM and VS1,2,3
V
AC Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VS1,2,3 = VSS, TA = 25
oC and CL = 1000 pF unless otherwise specified.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
Ton1
Turn-on first stage duration time
200
VIN = 0 & 5V
RL(HOQ/LOQ) = 10
ton
Turn-on propagation delay
250
550
750
toff
Turn-off propagation delay
250
550
750
tr
Turn-on rise time
80
tf
Turn-off fall time
25
tDESAT1
DSH to HO soft shutdown propogation delay at
3000
HO turn-on
tDESAT2
DSH to HO soft shutdown propogation delay after
1000
blanking
tDESAT3
DSL to LO soft shutdown propogation delay at
3000
VLIN = 5V,
LO turn-on
VDESAT =15V, Fig.7
VIN = 0 & 5V
VS1,2,3 = 0 to1200V
HOP=HON,LOP=LON
Figure 5
Propagation Delay Characteristics
ns
VHIN = 0V,
VDESAT = 15V,
Figure 7


Similar Part No. - IR2238Q_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
More results

Similar Description - IR2238Q_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Motorola, Inc
MC3PHAC MOTOROLA-MC3PHAC Datasheet
724Kb / 44P
   3-Phase AC Motor Controller
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Renesas Technology Corp
M63155FP RENESAS-M63155FP Datasheet
847Kb / 41P
   3 PHASE BRUSHLESS MOTOR CONTROLLER
logo
Allegro MicroSystems
A4923 ALLEGRO-A4923 Datasheet
536Kb / 11P
   3-Phase Sinusoidal Motor Controller
logo
Micro Linear Corporatio...
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
   1, 2, or 3-Phase Variable Speed AC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com