Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2177S Datasheet(PDF) 3 Page - International Rectifier

Part # IR2177S
Description  Phase Current Sensor IC for AC motor control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2177S Datasheet(HTML) 3 Page - International Rectifier

  IR2177S_15 Datasheet HTML 1Page - International Rectifier IR2177S_15 Datasheet HTML 2Page - International Rectifier IR2177S_15 Datasheet HTML 3Page - International Rectifier IR2177S_15 Datasheet HTML 4Page - International Rectifier IR2177S_15 Datasheet HTML 5Page - International Rectifier IR2177S_15 Datasheet HTML 6Page - International Rectifier IR2177S_15 Datasheet HTML 7Page - International Rectifier IR2177S_15 Datasheet HTML 8Page - International Rectifier IR2177S_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IR2277S/IR2177S(PbF)
3
www.irf.com
Static Electrical Characteristics
VCC, VBS = 15V unless otherwise specified. Temp=27°C; Vin=Vin+ - Vin.
Pin: VCC, VSS, VB, VS
Symbol
Definition
Min.
Typ.
Max.
Units
Test
Conditions
IQBS
Quiescent VBS supply current
1
2.2
mA
f
sync = 10kHz,
20kHz
IQCC
Quiescent VCC supply current
6
mA
f
sync = 10kHz,
20kHz
IR2277
50
VB = VS =
1200V
ILK
Offset supply leakage current
IR2177
50
µA
VB = VS = 600V
Pin: Vin+, Vin-, Sync, G0, G1, OC
Symbol
Definition
Min.
Typ.
Max.
Units
Test
Conditions
Vinmax
Maximum input voltage before saturation
250
mV
Vinmin
Minimum input voltage before saturation
-250
mV
VIH
Sync Input High threshold
2.2
V
See Figure 1
VIL
Sync Input Low threshold
0.8
V
See Figure 1
Vhy
Sync Input Hysteresis
0.2
V
See Figure 1
Ivinp
Vin+ input current
-18
-6
µA
f
sync = 4kHz to
20kHz
Ipu
G0, G1 pull-up Current
-20
-8
µA
G1, G0 = VB-
5V
|V
octh|
Over Current Activation Threshold
300
470
mV
RSync
SYNC to VSS internal pull-down
6
12
k
RonOC
Over Current On Resistance
25
75
@ I = 2mA
See Figure 3
Figure 1: Sync input thresholds
Figure 2: Sync input circuit
VIL
VIH
Vhy
SYNC
Schmitt trigger
VSS
Rsync


Similar Part No. - IR2177S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2177SPBF IRF-IR2177SPBF Datasheet
476Kb / 20P
   Phase Current Sensor IC for AC motor control
More results

Similar Description - IR2177S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR22771S IRF-IR22771S Datasheet
441Kb / 16P
   Phase Current Sensor IC for AC motor control
logo
Infineon Technologies A...
IR22771S INFINEON-IR22771S Datasheet
447Kb / 16P
   Phase Current Sensor IC for AC motor control
Data Sheet No. PD60234 revB
IR2277S INFINEON-IR2277S Datasheet
489Kb / 20P
   Phase Current Sensor IC for AC motor control
Data Sheet No. PD60233 revB
logo
International Rectifier
IR2277S IRF-IR2277S Datasheet
476Kb / 20P
   Phase Current Sensor IC for AC motor control
IR21771S IRF-IR21771S_15 Datasheet
447Kb / 16P
   Phase Current Sensor IC for AC motor control
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
   3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
   Three-Phase Stepping Motor Control IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
International Rectifier
IR2238Q IRF-IR2238Q_15 Datasheet
435Kb / 17P
   3-PHASE AC Motor Controller IC
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com