Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2244EBL-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2244EBL-T
Description  2.5GHz, 22dBm/20dBm Power Amplifiers with Analog Closed-Loop Power Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2244EBL-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2244EBL-T Datasheet HTML 1Page - Maxim Integrated Products MAX2244EBL-T Datasheet HTML 2Page - Maxim Integrated Products MAX2244EBL-T Datasheet HTML 3Page - Maxim Integrated Products MAX2244EBL-T Datasheet HTML 4Page - Maxim Integrated Products MAX2244EBL-T Datasheet HTML 5Page - Maxim Integrated Products MAX2244EBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX2244EBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX2244EBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX2244EBL-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Operating Characteristics (continued)
(Typical Application Circuit, VCC = 3V, PRFIN = 2dBm, fRFIN = 2.45GHz, SHDN = VCC, TA = +25°C, unless otherwise noted.)
2.5GHz, 22dBm/20dBm Power Amplifiers with
Analog Closed-Loop Power Control
_______________________________________________________________________________________
5
-20
0
-10
10
20
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX2245
OUTPUT POWER vs. POWER CONTROL (VPC)
VPC (V)
TA = +25
°C
TA = -40
°C
TA = +85
°C
-20
-10
0
10
20
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX2245
OUTPUT POWER vs. POWER CONTROL (VPC)
VPC (V)
VCC = 3V
VCC = 4V
VCC = 5V
200
150
100
50
0
0
1.5
0.5
1.0
2.0
2.5
3.0
MAX2245
SUPPLY CURRENT vs. POWER CONTROL (VPC)
VPC (V)
TA = +25
°C
TA = -40
°C
TA = +85
°C
MAX2245
OUTPUT POWER vs. FREQUENCY
FREQUENCY (GHz)
2.48
2.46
2.44
2.42
5
10
15
20
25
0
2.40
2.50
VPC = 1V
VPC = 1.5V
VPC = 2.5V
MAX2245
OUTPUT POWER vs. INPUT POWER
INPUT POWER (dBm)
0
-5
-10
5
10
15
20
25
0
-15
5
VPC = 2.5V
VPC = 1.5V
VPC = 1V
MAX2245
HARMONIC OUTPUT SPECTRUM
10dB/div
0dBm
0.1
FREQUENCY (GHz)
13
fO
2fO
3fO
4fO
5fO
VPC = 2.2V
MAX2245
FSK MODULATED OUTPUT SPECTRUM
10dB/div
2.45GHz
0.5MHz/div
0dBm
VPC = 2.2V
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
200
400
600
800
0
-40


Similar Part No. - MAX2244EBL-T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX22440 AD-MAX22440 Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
MAX22440 AD-MAX22440 Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
MAX22440CAEE++ AD-MAX22440CAEE+ Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
MAX22440CAEE++ AD-MAX22440CAEE+ Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
MAX22440FAEE++ AD-MAX22440FAEE+ Datasheet
1Mb / 28P
   Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
More results

Similar Description - MAX2244EBL-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
Maxim Integrated Produc...
MAX2240 MAXIM-MAX2240 Datasheet
181Kb / 10P
   2.5GHz, 20dBm Power Amplifier IC in UCSP Package
Rev 2; 2/03
logo
Analog Devices
CN-0050 AD-CN-0050 Datasheet
218Kb / 3P
   Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
logo
Analog Devices
CN-0300 AD-CN-0300 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
logo
Maxim Integrated Produc...
MAX2232 MAXIM-MAX2232 Datasheet
156Kb / 8P
   900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
19-1470; Rev 0; 4/99
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com