Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2161 Datasheet(PDF) 10 Page - International Rectifier

Part # IR2161
Description  HALOGEN CONVERTOR CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2161 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2161_15 Datasheet HTML 6Page - International Rectifier IR2161_15 Datasheet HTML 7Page - International Rectifier IR2161_15 Datasheet HTML 8Page - International Rectifier IR2161_15 Datasheet HTML 9Page - International Rectifier IR2161_15 Datasheet HTML 10Page - International Rectifier IR2161_15 Datasheet HTML 11Page - International Rectifier IR2161_15 Datasheet HTML 12Page - International Rectifier IR2161_15 Datasheet HTML 13Page - International Rectifier IR2161_15 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
IR2161(S)&(PbF)
10
www.irf.com
across the CSD capacitor will vary from 0V if there is no
load to approximately 5V at maximum load.
This is provided that the correct value of current sense
resistor has been selected for the maximum rated load and
line voltage supply of the convertor. This should be 0.33
Ohm (0.5W) for a 100W system running from a 220-240V
AC line. (It should be noted that the RCS resistor value is
also critical for setting the limits for the shut down circuit)
In RUN mode the oscillator frequency will vary from
approximately 34kHz when VCSD is 5V (maximum load) to
70kHz when VCSD is 0V (no load). The result of this is that
if a lighter load, such as a single 35W lamp, is connected to
a 100W convertor, the frequency will shift upwards so that
the output voltage falls below the maximum that is desirable
for the lamp. This provides sufficient compensation for the
load to ensure that the lamp voltage will always be within
acceptable limits but does not require a complicated regulation
scheme involving feedback from the output.
An additional internal current source has been included to
discharge the external capacitor. This will provide
approximately 10% ripple at twice the line frequency if CSD
is 100nF.
The advantage of this is that during the line voltage half
cycle the oscillator frequency will vary by several kHz thus
spreading the EMI conducted and radiated emissions over
a range of frequencies and avoiding high amplitude peaks
at particular frequencies. In this way the filter components
used may be similar to those used in a common bipolar self-
oscillating system.
Figure 5, Voltage Compensation Circuit
Figure 6, VS voltage and CSD voltage.
In the above trace it can be seen that a leading edge phase
cut (triac) dimmer is connected at close to maximum
brightness. There is a short delay at the beginning of each
half cycle before the AC line voltage is switched to the
convertor. Dimming increases the ripple in the CSD voltage
and gives more modulation. This is an inherent effect that
causes no system problems.
The startup sequence of the CSD pin can be seen from the
point where VCC increases above the UVLO+ threshold.
Figure 7, Startup sequence of CSD.
This trace shows that after the CSD voltage has ramped up
through soft start, the system switches over to voltage com-
pensation mode and a ripple exists which allows the fre-
quency modulation (or “dither”) to occur. In this case the
CS
CSD
AV > 13
150K
12K


Similar Part No. - IR2161_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2161PBF IRF-IR2161PBF Datasheet
470Kb / 20P
   HALOGEN CONVERTOR CONTROL IC
IR2161S IRF-IR2161S Datasheet
214Kb / 19P
   HALOGEN CONVERTOR CONTROL IC
IR2161SPBF IRF-IR2161SPBF Datasheet
466Kb / 20P
   HALOGEN CONVERTOR CONTROL IC
IR2161STRPBF IRF-IR2161STRPBF Datasheet
466Kb / 20P
   HALOGEN CONVERTOR CONTROL IC
More results

Similar Description - IR2161_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2161 IRF-IR2161 Datasheet
214Kb / 19P
   HALOGEN CONVERTOR CONTROL IC
IR2161PBF IRF-IR2161PBF Datasheet
470Kb / 20P
   HALOGEN CONVERTOR CONTROL IC
IR2161SPBF IRF-IR2161SPBF Datasheet
466Kb / 20P
   HALOGEN CONVERTOR CONTROL IC
IR2161STRPBF IRF-IR2161STRPBF Datasheet
466Kb / 20P
   HALOGEN CONVERTOR CONTROL IC
logo
New Japan Radio
NJM2360A NJRC-NJM2360A Datasheet
174Kb / 3P
   HIGH PRECISION DC/DC CONVERTOR CONTROL IC
logo
Mitsumi Electronics, Co...
MM3472 MITSUMI-MM3472 Datasheet
817Kb / 10P
   0.6A step-down DC-DC convertor IC
logo
NEC
UPC2798GR NEC-UPC2798GR Datasheet
160Kb / 24P
   IF DOWN CONVERTOR IC FOR DIGITAL CATV
logo
LSI Computer Systems
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com