Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2153Z Datasheet(PDF) 5 Page - International Rectifier

Part # IR2153Z
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2153Z Datasheet(HTML) 5 Page - International Rectifier

  IR2153Z_15 Datasheet HTML 1Page - International Rectifier IR2153Z_15 Datasheet HTML 2Page - International Rectifier IR2153Z_15 Datasheet HTML 3Page - International Rectifier IR2153Z_15 Datasheet HTML 4Page - International Rectifier IR2153Z_15 Datasheet HTML 5Page - International Rectifier IR2153Z_15 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IR2153Z
www.irf.com
5
Lead Definitions
Lead
Symbol
Description
RT
Oscillator timing resistor input,in phase with HO for normal IC operation
CT
Oscillator timing capacitor input, the oscillator frequency according to the following equation:
f
=
×+
×
1
1.4 (R
75 ) C
TT
where 75W is the effective impedance of the RT output stage
VB
High side floating supply
HO
High side gate drive output
VS
High side floating supply return
VCC
Low side and logic fixed supply
LO
Low side gate drive output
COM
Low side return
Functional Block Diagram
V
B
PULSE
GEN
DELAY
HV
LEVEL
SHIFT
V
CC
PULSE
FILTER
DEAD
TIME
LO
V
S
COM
R
S
Q
15.6V
C
T
R
T
UV
DETECT
RQ
S
Q
DEAD
TIME
HO
LOGIC
-
-
-
+
+
+
R
R
R/2
R/2


Similar Part No. - IR2153Z_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
More results

Similar Description - IR2153Z_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
   Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531 IRF-IR21531_15 Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21531 INFINEON-IR21531 Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
Data Sheet No. PD60131 revM
logo
International Rectifier
IR2152 IRF-IR2152 Datasheet
238Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603PBF IRF-IR25603PBF_15 Datasheet
693Kb / 12P
   Self-Oscillating Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com