Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2242 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2242
Description  2.4GHz to 2.5GHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2242 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX2242 Datasheet HTML 1Page - Maxim Integrated Products MAX2242 Datasheet HTML 2Page - Maxim Integrated Products MAX2242 Datasheet HTML 3Page - Maxim Integrated Products MAX2242 Datasheet HTML 4Page - Maxim Integrated Products MAX2242 Datasheet HTML 5Page - Maxim Integrated Products MAX2242 Datasheet HTML 6Page - Maxim Integrated Products MAX2242 Datasheet HTML 7Page - Maxim Integrated Products MAX2242 Datasheet HTML 8Page - Maxim Integrated Products MAX2242 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UCSP reliability performance shows that it is capable of
performing reliably through environmental stresses.
Users should also be aware that as with any intercon-
nect system there are electromigration-based current
limits that, in this case, apply to the maximum allowable
current in the bumps. Reliability is a function of this cur-
rent, the duty cycle, lifetime, and bump temperature.
See the Absolute Maximum Ratings section for any
specific limitations listed under Continuous Operating
Lifetime.Results of environmental stress tests and addi-
tional usage data and recommendations are detailed in
the UCSP application note, which can be found on
Maxim’s website at www.maxim-ic.com.
Chip Information
TRANSISTOR COUNT: 486
2.4GHz to 2.5GHz
Linear Power Amplifier
8
_______________________________________________________________________________________
GND
NOTE: REFER TO MAX2242 EV KIT DATA SHEET FOR DETAILED LAYOUT INFORMATION.
GND
GND
BIAS
CIRCUIT
DETECTOR
DET
OUT
6pF
1.8pF
100pF
10nH
33pF
0.1
µF
33pF
0.1
µF
RF_IN
VCC1
VCC2
VCC
VCC
VCCB
BIAS
DAC
PD_OUT
47k
R2
8k
R1
8k
0.1
µF
2.2nH
SHDN
RF_OUT
50
VCC
VCC
Typical Application Circuit
BOTTOM VIEW
CHIP-SCALE PACKAGE (ALL DIMENSIONS IN mm)
SIDE VIEW
C4
C3
C2
C1
B4
B2
B3
NOT
USED
B1
A4
A3
A2
A1
0.75
MAX
1.5
0.5
Package Diagram


Similar Part No. - MAX2242

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2242EVKIT MAXIM-MAX2242EVKIT Datasheet
156Kb / 5P
   2.7V to 3.6V True Single-Supply Operation Evaluation Kit
Rev 0; 1/01
More results

Similar Description - MAX2242

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
   3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
   3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
   3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
   3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com