Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANA-6101 Datasheet(PDF) 2 Page - Level One

Part # ANA-6101
Description  6GHz Outdoor Lighting Arrestor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

ANA-6101 Datasheet(HTML) 2 Page - Level One

  ANA-6101 Datasheet HTML 1Page - Level One ANA-6101 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.level1.com
I one world_one brand_one level_
Antenna

Technical Specifications
ANA-6101
Product Diagram
Router
Electrical Specifications
Frequency Range
0~ 6.0GHz
VSWR :
1.5 : 1
Impedance :
50Ω ± 5Ω
Nominal DC Spark-over Voltage (V) :
90
Gas Discharge Tube DC spark-over Voltage (V):
72-108
Impulse Spare-over Voltage (V) 100V/us :
≤600
Impulse Spare-over Voltage (V) 100V/us :
≤700
DC Holdover Voltage Vh (V) :
52
Nominal impulse discharge current 8/20us (KA) :
10
Nominal impulse discharge current 10/1000us (A) :
100
Nominal Alternation discharger current at 50Hz 1s (A) :
10
Insulation Resistance V (V) :
50
Insulation Resistance Ris (Ω)
≥10
Capacitance 1 KHz (Pf) C :
≤2*10-9
Mechanical Specifications
Operation Temp:
-40~+90°C
Dimension (L*W*H):
65.8 x 24 x 30 mm ±0.5
Connector:
N Female To N Male
Weight:
105 g ± 10g
Salt Spray :
MIL-STD-202F method 101D
Order Information
ANA-6101: 6GHz Outdoor Lighting Arrestor
Package Contents
ANA-6101
Quick Installation Guide
Mounting Bracket
Weather proof Tape
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
Outdoor Arrestor Kit
400 Series N-Type Male to
N-Type Female Cable
Indoor/Outdoor
Antenna
+
200 Series RPSAM to N-Type Cable
Indoor Solution
Outdoor Solution
V1.0


Similar Part No. - ANA-6101

ManufacturerPart #DatasheetDescription
logo
Level One
ANA-6100 LVL1-ANA-6100 Datasheet
212Kb / 2P
   6GHz Outdoor Lighting Arrestor Kit
More results

Similar Description - ANA-6101

ManufacturerPart #DatasheetDescription
logo
Level One
ANA-6100 LVL1-ANA-6100 Datasheet
212Kb / 2P
   6GHz Outdoor Lighting Arrestor Kit
ANA-3100 LVL1-ANA-3100 Datasheet
199Kb / 2P
   3GHz Outdoor Lighting Arrestor Kit
logo
OSRAM GmbH
GWP9LT31.PM OSRAM-GWP9LT31.PM Datasheet
2Mb / 24P
   Outdoor lighting
GWP9LR31.PM OSRAM-GWP9LR31.PM Datasheet
1Mb / 24P
   Outdoor lighting
GWMAEGB1.EM OSRAM-GWMAEGB1.EM Datasheet
744Kb / 19P
   Outdoor lighting
LTH9GP OSRAM-LTH9GP Datasheet
630Kb / 21P
   Architectural Lighting indoor and outdoor
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
   Architectural Lighting indoor and outdoor
LRW5SM OSRAM-LRW5SM Datasheet
611Kb / 21P
   Architectural Lighting indoor and outdoor
LYH9GP OSRAM-LYH9GP Datasheet
689Kb / 21P
   Architectural Lighting indoor and outdoor
LSH9PP-HYJY-1-1 OSRAM-LSH9PP-HYJY-1-1 Datasheet
728Kb / 22P
   Architectural Lighting indoor and outdoor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com