Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX221EEUE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX221EEUE
Description  ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX221EEUE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX221EEUE Datasheet HTML 1Page - Maxim Integrated Products MAX221EEUE Datasheet HTML 2Page - Maxim Integrated Products MAX221EEUE Datasheet HTML 3Page - Maxim Integrated Products MAX221EEUE Datasheet HTML 4Page - Maxim Integrated Products MAX221EEUE Datasheet HTML 5Page - Maxim Integrated Products MAX221EEUE Datasheet HTML 6Page - Maxim Integrated Products MAX221EEUE Datasheet HTML 7Page - Maxim Integrated Products MAX221EEUE Datasheet HTML 8Page - Maxim Integrated Products MAX221EEUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
±15kV ESD-Protected, +5V, 1µA, Single RS-232
Transceiver with AutoShutdown
_______________________________________________________________________________________
5
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX221E’s internal power supply consists of a
dual charge pump that provides a positive output volt-
age (doubling charge pump) and negative output volt-
age (inverting charge pump) from a single +5V supply.
The charge pumps operate in continuous mode. Each
charge pump requires a flying capacitor (C1, C2) and a
reservoir capacitor (C3, C4) to generate the V+ and V-
supplies.
RS-232 Transmitter
The transmitter is an inverting level translator that con-
verts CMOS-logic levels to 5.0V EIA/TIA-232 levels. It
guarantees a 250kbps data rate with worst-case loads
of 3k
Ω in parallel with 1000pF.
When FORCEOFF is driven to ground, or when the
AutoShutdown circuitry senses invalid voltage levels on
the receiver input, the transmitter is disabled and the
output is forced into a high-impedance state. The trans-
mitter input does not have a pull-up resistor.
RS-232 Receiver
The MAX221E’s receiver converts RS-232 signals to
CMOS-logic output levels. The receiver has an inverting
three-state output and can be active or inactive. In
shutdown (FORCEOFF = low) or in AutoShutdown, the
receiver is active (Table 1). Drive EN high to place the
receiver in a high-impedance state. The receiver is
high-impedance when the MAX221E is in shutdown
(FORCEOFF = low).
The MAX221E’s INVALID output is pulled low when
there is no valid RS-232 signal level detected on the
receiver input. INVALID is functional in any mode
(Figures 2 and 3).
AutoShutdown
The MAX221E achieves 1µA supply current with
Maxim’s AutoShutdown feature, which operates when
FORCEON is low and FORCEOFF is high. When the
device senses no valid signal levels on the receiver
input for 30µs, the on-board charge pump and driver
are shut off, reducing supply current to 1µA. This
occurs if the RS-232 cable is disconnected or the con-
nected peripheral transmitter is turned off. The
MAX221E turns on again when a valid level is applied
to the RS-232 receiver input. As a result, the system
saves power without changes to the existing BIOS or
operating system.
Table 1 and Figure 2c summarize the MAX221E operat-
ing modes. FORCEON and FORCEOFF override
AutoShutdown. When neither control is asserted, the
device selects between these states automatically,
based on the receiver input level. Figures 2a, 2b, and
3a depict valid and invalid RS-232 receiver levels.
Figure 3 shows the input levels and timing diagram for
AutoShutdown operation.
A device or another system with AutoShutdown con-
nected to the MAX221E may need time to wake up.
Figure 4 shows a circuit that forces the transmitter on
for 100ms, allowing enough time for the other system to
realize that the MAX221E is awake. If the other system
transmits valid RS-232 signals within that time, the
RS-232 ports on both systems remain enabled.
When shut down, the device’s charge pumps turn off,
V+ is pulled to VCC, V- is pulled to ground, and the
transmitter output is high impedance. The time required
to exit shutdown is typically 100µs (Figure 3b).
MAX221E
FORCEON
EN
12
1
ROUT
ISHDN
9
FORCEOFF
16
INVALID
10
GND
14
TIN
11
C2-
6
C2+
5
C1-
4
C1+
2
RIN 8
TOUT 13
V-
7
V+
3
VCC
C4
0.1
µF
15
C1
0.1
µF
C2
0.1
µF
CBYPASS
0.1
µF
+5V
TO POWER-
MANAGEMENT
UNIT
5k
3k
C3
0.1
µF
Figure 1. Shutdown Current Test Circuit


Similar Part No. - MAX221EEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX221EAE MAXIM-MAX221EAE Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX221EUE MAXIM-MAX221EUE Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
More results

Similar Description - MAX221EEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX221 MAXIM-MAX221 Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3188E MAXIM-MAX3188E Datasheet
141Kb / 8P
   ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com