Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2113E6 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2113E6
Description  HIGH AND LOW SIDE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113E6 Datasheet(HTML) 2 Page - International Rectifier

  IR2113E6 Datasheet HTML 1Page - International Rectifier IR2113E6 Datasheet HTML 2Page - International Rectifier IR2113E6 Datasheet HTML 3Page - International Rectifier IR2113E6 Datasheet HTML 4Page - International Rectifier IR2113E6 Datasheet HTML 5Page - International Rectifier IR2113E6 Datasheet HTML 6Page - International Rectifier IR2113E6 Datasheet HTML 7Page - International Rectifier IR2113E6 Datasheet HTML 8Page - International Rectifier IR2113E6 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IR2113E6
2
www.irf.com
Typical Connection
HIN
up to 500V
TO
LOAD
V
DD
V
B
V
S
HO
LO
COM
HIN
LIN
V
SS
SD
V
CC
LIN
V
DD
SD
V
SS
V
CC
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. The VS and VSS offset ratings are tested with all supplies biased at 15V differential. Typical
ratings at other bias conditions are shown in Figures 36 and 37.
Symbol
Parameter
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VS + 10
VS + 20
VS
High Side Floating Supply Offset Voltage
-4
600
VHO
High Side Output Voltage
VS
VB
VCC
Low Side Fixed Supply Voltage
10
20
VLO
Low Side Output Voltage
0
VCC
VDD
Logic Supply Voltage
VSS + 5
VSS + 20
VSS
Logic Supply Offset Voltage
-5
5
VIN
Logic Input Voltage (HIN, LIN & SD)
VSS
VDD
V
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, and VSS = COM unless otherwise specified. The dynamic electrical characteristics are
measured using the test circuit shown in Figure 3.
Tj = 25
°C
Tj = -55 to
125
°C
6
Parameter
Min. Typ. Max. Min. Max. Units
Test Conditions
ton
Turn-On Propagation Delay
120 150
260
VS = 0V
toff
Turn-Off Propagation Delay
94
125
220
VS = 600V
tsd
Shutdown Propagation Delay
110 140
235
ns
VS = 600V
tr
Turn-On Rise Time
25
35
50
CL = 1000pf
tf
Turn-Off Fall Time
17
25
40
CL = 1000pf
Mt
Delay Matching, HS & LS Turn-On/Off —
20
Hton-Lton / Htoff-Ltoff


Similar Part No. - IR2113E6

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2113E6 IRF-IR2113E6 Datasheet
128Kb / 14P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2113E6

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com