Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2106 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2106
Description  HIGH AND LOW SIDE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2106 Datasheet(HTML) 3 Page - International Rectifier

  IR2106_15 Datasheet HTML 1Page - International Rectifier IR2106_15 Datasheet HTML 2Page - International Rectifier IR2106_15 Datasheet HTML 3Page - International Rectifier IR2106_15 Datasheet HTML 4Page - International Rectifier IR2106_15 Datasheet HTML 5Page - International Rectifier IR2106_15 Datasheet HTML 6Page - International Rectifier IR2106_15 Datasheet HTML 7Page - International Rectifier IR2106_15 Datasheet HTML 8Page - International Rectifier IR2106_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
IR2106(4)(S & (PbF))
www.irf.com
3
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM, CL = 1000 pF, TA = 25°C.
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
220
300
VS = 0V
toff
Turn-off propagation delay
200
280
VS = 0V or 600V
MT
Delay matching, HS & LS turn-on/off
0
30
tr
Turn-on rise time
150
220
VS = 0V
tf
Turn-off fall time
50
80
VS = 0V
nsec
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip
DT97-3 for more details).
VB
High side floating supply absolute voltage IR2106(4)
VS + 10
VS + 20
VS
High side floating supply offset voltage
Note 1
600
VHO
High side floating output voltage
VS
VB
VCC
Low side and logic fixed supply voltage IR2106(4)
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage
VSS
VCC
VSS
Logic ground (IR21064 only)
-5
5
TA
Ambient temperature
-40
125
°C
V
Symbol
Definition
Min.
Max.
Units
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the
recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15V differential.


Similar Part No. - IR2106_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21064 IRF-IR21064 Datasheet
236Kb / 10P
   HIGH AND LOW SIDE DRIVER
IR21064 IRF-IR21064 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR21064 INFINEON-IR21064 Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IR21064S IRF-IR21064S Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR21064S INFINEON-IR21064S Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2106_15

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com