Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTM27092S Datasheet(PDF) 5 Page - International Rectifier

Part # HTM27092S
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTM27092S Datasheet(HTML) 5 Page - International Rectifier

  HTM27092S Datasheet HTML 1Page - International Rectifier HTM27092S Datasheet HTML 2Page - International Rectifier HTM27092S Datasheet HTML 3Page - International Rectifier HTM27092S Datasheet HTML 4Page - International Rectifier HTM27092S Datasheet HTML 5Page - International Rectifier HTM27092S Datasheet HTML 6Page - International Rectifier HTM27092S Datasheet HTML 7Page - International Rectifier HTM27092S Datasheet HTML 8Page - International Rectifier HTM27092S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.irf.com
5
HTM27092S
PRELIMINARY
Typical Efficiency Curves
Fig 2: Efficiency vs Output Current at 25°C with Vin = 190V, 270V and 400V
Fig 3: Efficiency vs Output Current at 165°C with Vin = 190V, 270V and 400V
E fficiency vs Output Current at 25°C
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Output Current, A
190V Vin
270V Vin
400V Vin
E fficiency vs Output Current at 165°C
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Output Current, A
190V Vin
270V Vin
400V Vin


Similar Part No. - HTM27092S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTM27092S IRF-HTM27092S Datasheet
251Kb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - HTM27092S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com