Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1152S Datasheet(PDF) 4 Page - International Rectifier

Part # IR1152S
Description  FIXED 66kHz FREQUENCY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1152S Datasheet(HTML) 4 Page - International Rectifier

  IR1152S_15 Datasheet HTML 1Page - International Rectifier IR1152S_15 Datasheet HTML 2Page - International Rectifier IR1152S_15 Datasheet HTML 3Page - International Rectifier IR1152S_15 Datasheet HTML 4Page - International Rectifier IR1152S_15 Datasheet HTML 5Page - International Rectifier IR1152S_15 Datasheet HTML 6Page - International Rectifier IR1152S_15 Datasheet HTML 7Page - International Rectifier IR1152S_15 Datasheet HTML 8Page - International Rectifier IR1152S_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IR1152S
www.irf.com
4
© 2011 International Rectifier
Internal Voltage Reference Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Reference Voltage
VREF
4.9
5
5.1
V
Regulation Voltage on VFB pin,
TAMB=25°C
Line Regulation
RREG
10
20
mV
14V < VCC < 17V
Temp Stability
TSTAB
0.4
%
-25°C < TAMB < 125°C
Total Variation
ΔVTOT
4.85
5.1
V
Line & Temperature
Voltage Error Amplifier Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Transconductance
gm
35
49
59
µS
30
44
58
TAMB=25°C
Source Current (Normal
Mode)
IOVEA(SRC)
17
80
µA
-25°C < TAMB < 125°C
-58
-44
-30
TAMB=25°C
Sink Current (Normal Mode)
IOVEA(SNK)
-80
-17
µA
-25°C < TAMB < 125°C
Soft Start Delay Time
(calculated)
tSS
60
msec
RGAIN=1.1kΩ, CZERO=0.56μF,
CPOLE=10nF
VCOMP Voltage (Fault)
VCOMP FLT
1
1.4
V
@100uA steady state
Effective VCOMP voltage
VCOMP EFF
4.7
4.9
5.1
V
VFB Input Bias Current
IFB(Bias)
-0.2
µA
VFB=4.9V
Output Low Voltage
VOL
0.25
V
Output High Voltage
VOH
5
5.4
V
VCOMP Start Voltage
VCOMP
START
260
375
485
mV


Similar Part No. - IR1152S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1152SPBF IRF-IR1152SPBF Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
IR1152STRPBF IRF-IR1152STRPBF Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
More results

Similar Description - IR1152S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
logo
Z-Communications, Inc
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0832C-LF ZCOMM-SFS0832C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
SFS1262A-LF ZCOMM-SFS1262A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FCPL840-10 SYNERGY-FCPL840-10 Datasheet
342Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
logo
Z-Communications, Inc
SFS1200C-LF ZCOMM-SFS1200C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
SFS2476A-LF ZCOMM-SFS2476A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS5280A-LF ZCOMM-SFS5280A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS6400A-LF ZCOMM-SFS6400A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com