Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTB2800S Datasheet(PDF) 2 Page - International Rectifier

Part # HTB2800S
Description  HIGH TEMPERATURE HYBRID DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTB2800S Datasheet(HTML) 2 Page - International Rectifier

  HTB2800S Datasheet HTML 1Page - International Rectifier HTB2800S Datasheet HTML 2Page - International Rectifier HTB2800S Datasheet HTML 3Page - International Rectifier HTB2800S Datasheet HTML 4Page - International Rectifier HTB2800S Datasheet HTML 5Page - International Rectifier HTB2800S Datasheet HTML 6Page - International Rectifier HTB2800S Datasheet HTML 7Page - International Rectifier HTB2800S Datasheet HTML 8Page - International Rectifier HTB2800S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.irf.com
HTB28XXS
(185°C, 28V Input, Single Output)
Electrical Performance Characteristics
For Notes to Electrical Performance Characteristics, refer to page 4
Input voltage range
-0.5VDC to 40VDC
Input voltage range
17VDC to 34VDC
Output power
Internally limited
Output power
0 to Max. Rated
Lead temperature
+300°C for 10 sec
Case Operating temperature
-35°C to +185°C
Storage temperature
-45°C to +125°C
Maximum Operating Conditions
Absolute Maximum Ratings
Note: Storage at high temperature will effect life.
HTB2803R3S
Preliminary
HTB2805S
HTB2812S
Preliminary
HTB2815S
Preliminary
TEST
Conditions
-35°
≤ TC ≤ +185°C
VIN = 28VDC ±5% CL = 0
unless otherwise
specified
Subgroup
10
Min
Max
Min
Max
Min
Max
Min
Max
Unit
1
3.26
3.34
4.95
5.05
11.88
12.12
14.85
15.15
Output voltage
IOUT = 100% IMAX
2, 3
3.2
3.4
4.85
5.15
11.64
12.24
14.55
15.30
V
Output current
1
VIN = 17, 28, and 34 VDC
1, 2, 3
1.51
5.0
1.0
0.416
0.333
A
Output power
VIN = 17, 28, and 34 VDC
1, 2, 3
5.0
5.0
5.0
5.0
w
1
50
50
50
50
Output ripple voltage
2
VIN = 17, 28 and 34 VDC
IOUT = IMAX
2, 3
50
50
50
50
mV PP
Turn-on (rising), IOUT = 0
1,2,3
12
15
12
15
12
15
12
15
Turn off (decreasing),
IOUT = 0
1,2,3
12
14
12
14
12
14
12
14
V
1,2
0.7
0.7
0.7
0.7
Input Under Voltage
Hysteresis
3
0.4
0.4
0.4
0.4
V
Line regulation
VIN = 17, 28, and 34 VDC
IOUT = 0, 50%, 100% IMAX
1, 2, 3
-0.5
+0.5
-0.5
+0.5
-0.5
+0.5
-0.5
+0.5
%
Load regulation
VIN = 17, 28, and 34 VDC
IOUT = 0, 50%, 100% IMAX
1, 2, 3
-2.0
+2.0
-1.0
+1.0
-1.0
+1.0
-1.0
+1.0
%
IOUT = 0
15
15
20
20
Input current
IOUT = 0 (inhibited)
1, 2, 3
3.5
3.5
3.5
3.5
mA
1, 3
100
100
100
100
Input ripple current
2
IOUT = IMAX
2
150
150
150
150
mA PP
1, 3
69
69
75
75
Efficiency
IOUT = IMAX
2
69
70
71
71
%
Current Limit Point
Expressed as a
percentage of full
rated output power
VOUT = 90% of nominal
1, 2, 3
180
180
180
180
%
Isolation
VTEST 500 VDC, Tc= 25°C
Input to output or any pin
to case
1
100
100
100
100
M
Capacitive load
3, 4,10
No effect on DC
performance, TC = 25°C
IOUT = IMAX
4
1000
1000
300
300
µF
Overload
5
5.0
5.0
5.0
5.0
Power dissipation, load
fault
Short circuit
1, 2, 3
2.5
3.0
2.5
2.5
W
Switching frequency
4
IOUT = IMAX
4, 5, 6
500
600
500
600
500
600
500
600
kHz


Similar Part No. - HTB2800S

ManufacturerPart #DatasheetDescription
logo
LEM
HTB200-P LEM-HTB200-P Datasheet
66Kb / 2P
   Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB200-P LEM-HTB200-P Datasheet
77Kb / 2P
   Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB200-P LEM-HTB200-P Datasheet
687Kb / 2P
   Current Transducers
HTB200-P LEM-HTB200-P Datasheet
652Kb / 2P
   Current Transducers
HTB200-P LEM-HTB200-P Datasheet
551Kb / 3P
   Current Transducer
More results

Similar Description - HTB2800S

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
HTD1R5N-2800D VPT-HTD1R5N-2800D Datasheet
577Kb / 12P
   HIGH TEMPERATURE HYBRID DC-DC CONVERTERS
HTD1R5B-1200D VPT-HTD1R5B-1200D Datasheet
569Kb / 11P
   HIGH TEMPERATURE HYBRID DC-DC CONVERTERS
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com