Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX199BENI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX199BENI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199BENI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX199BENI Datasheet HTML 1Page - Maxim Integrated Products MAX199BENI Datasheet HTML 2Page - Maxim Integrated Products MAX199BENI Datasheet HTML 3Page - Maxim Integrated Products MAX199BENI Datasheet HTML 4Page - Maxim Integrated Products MAX199BENI Datasheet HTML 5Page - Maxim Integrated Products MAX199BENI Datasheet HTML 6Page - Maxim Integrated Products MAX199BENI Datasheet HTML 7Page - Maxim Integrated Products MAX199BENI Datasheet HTML 8Page - Maxim Integrated Products MAX199BENI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 2.0MHz
with 50% duty cycle; TA = TMIN to TMAX, unless otherwise noted.)
Internal acquisition
3.0
5.0
External reference = 4.096V
After FULLPD or STBYPD
External acquisition (Note 9)
CONDITIONS
Full power-down mode (FULLPD) (Note 7)
5
µs
3.0
tACQI
Acquisition Time
LSB
±1/2
PSRR
Power-Supply Rejection Ratio
(Note 8)
3.0
tACQE
External CLK
µs
V
4.75
5.25
VDD
Supply Voltage
6.0
tCONV
Conversion Time
Internal CLK, CCLK = 100pF
6.0
7.7
10.0
To 0.1mV, REF
bypass capacitor
fully discharged
ms
8
Reference Buffer Settling
60
120
60
Normal mode, bipolar ranges
700
850
Normal mode, unipolar ranges
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Standby power-down (STBYPD)
mA
18
IDD
Supply Current
610
µA
Internal reference
±1/2
CCLK = 100pF
MHz
1.25
1.56
2.00
fCLK
Internal Clock Frequency
0.1
2.0
fCLK
External Clock Frequency Range
MHz
External CLK
Internal CLK
Power-up (Note 10)
µs
200
Bandgap Reference
Start-Up Time
External CLK
ksps
100
Throughput Rate
Internal CLK, CCLK = 100pF
62
CREF = 4.7µF
CREF = 33µF
V
2.4
VINH
Input High Voltage
V
0.8
VINL
Input Low Voltage
VIN = 0V or VDD
µA
±10
IIN
Input Leakage Current
(Note 5)
pF
15
CIN
Input Capacitance
VDD = 4.75V, ISINK = 1.6mA
V
0.4
VOL
Output Low Voltage
VDD = 4.75V, ISOURCE = 1mA
V
VDD - 1
VOH
Output High Voltage
(Note 5)
pF
15
COUT
Three-State Output Capacitance
POWER REQUIREMENTS
TIMING
DIGITAL INPUTS (D7–D0, CLK, RD, WR, CS, HBEN, SHDN) (Note 11)
DIGITAL OUTPUTS (D7–D4, D3/D11, D2/D10, D1/D9, D0/D8, INT)


Similar Part No. - MAX199BENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992 MAXIM-MAX1992 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992ETG MAXIM-MAX1992ETG Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
More results

Similar Description - MAX199BENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
logo
Fairchild Semiconductor
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
logo
STMicroelectronics
ST72324JX STMICROELECTRONICS-ST72324JX Datasheet
2Mb / 164P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
logo
STMicroelectronics
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com