Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX214EPI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX214EPI
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214EPI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX214EPI Datasheet HTML 4Page - Maxim Integrated Products MAX214EPI Datasheet HTML 5Page - Maxim Integrated Products MAX214EPI Datasheet HTML 6Page - Maxim Integrated Products MAX214EPI Datasheet HTML 7Page - Maxim Integrated Products MAX214EPI Datasheet HTML 8Page - Maxim Integrated Products MAX214EPI Datasheet HTML 9Page - Maxim Integrated Products MAX214EPI Datasheet HTML 10Page - Maxim Integrated Products MAX214EPI Datasheet HTML 11Page - Maxim Integrated Products MAX214EPI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Programmable DTE/DCE,
+5V RS-232 Transceiver
10
______________________________________________________________________________________
TRA
RTA
TRB
RTB
TRC
RTC
RDTC
RRE
3
2
7
8
4
6
1
9
TxD
RxD
RTS
CTS
DTR
DSR
DCD
RI
5
6
25
23
24
22
7
8
MAX214
HI-Z
SHDN
DTE/DCE
MAX214
HI-Z
SHDN
DTE/DCE
TA
RA
TB
RB
TC
RC
RDC
RE
9
10
20
19
18
17
11
12
HIGH
HIGH
5
6
25
23
24
22
7
8
TA
RA
TB
RB
TC
RC
RDC
RE
TRA
RTA
TRB
RTB
TRC
RTC
RDTC
RRE
PC1
(DTE MODE)
STANDARD
RS-232
CABLE
PC2
(DCE MODE)
DB-9 CONNECTORS
21
26
3
21
26
3
VCC
9
10
20
19
18
17
11
12
3
2
7
8
4
6
1
9
POWER CONNECTIONS OMITTED FOR CLARITY.
Figure 4. Typical Application Circuit Showing 2 PCs with Both DTE and DCE Operation


Similar Part No. - MAX214EPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2140 MAXIM-MAX2140 Datasheet
162Kb / 12P
   Complete SDARS Receiver
Rev 1a; 9/04
MAX2140 MAXIM-MAX2140 Datasheet
206Kb / 13P
   Complete SDARS Receiver
Rev 3; 10/05
MAX2140 MAXIM-MAX2140 Datasheet
797Kb / 8P
   Evaluation Kit
Rev 0; 1/04
MAX2140ETH MAXIM-MAX2140ETH Datasheet
162Kb / 12P
   Complete SDARS Receiver
Rev 1a; 9/04
MAX2140ETH MAXIM-MAX2140ETH Datasheet
206Kb / 13P
   Complete SDARS Receiver
Rev 3; 10/05
More results

Similar Description - MAX214EPI

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
   5V Only RS-232/AppleTalk Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
   5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Exar Corporation
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Exar Corporation
SP336E EXAR-SP336E Datasheet
1Mb / 30P
   3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
   Programmable RS-232/RS-485 Transceiver
logo
Exar Corporation
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
   Programmable RS-232/RS-485 Transceiver
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
   Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com