Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFB50HI20C Datasheet(PDF) 4 Page - International Rectifier

Part # HFB50HI20C
Description  Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFB50HI20C Datasheet(HTML) 4 Page - International Rectifier

  HFB50HI20C Datasheet HTML 1Page - International Rectifier HFB50HI20C Datasheet HTML 2Page - International Rectifier HFB50HI20C Datasheet HTML 3Page - International Rectifier HFB50HI20C Datasheet HTML 4Page - International Rectifier HFB50HI20C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.irf.com
HFB50HI20C
Fig. 7 - Typical Stored Charge Vs. dif/dt (Per Leg)
Fig. 8 - Typical di(rec)M/dt Vs. dif/dt (Per Leg)
Fig. 5 - Typical Reverse Recovery Vs. dif/dt (Per Leg)
Fig. 6 - Typical Recovery Current Vs. dif/dt (Per Leg)
100
1000
dif / dt - ( A / µs )
20
40
60
80
100
120
VR = 160V
TJ = 125°C
TJ = 25°C
IF = 25A
IF = 100A
IF = 50A
100
1000
dif / dt - ( A / µs )
1
10
100
VR = 160V
TJ = 125°C
TJ = 25°C
IF = 25A
IF = 100A
IF = 50A
100
1000
dif / dt - ( A / µs )
10
100
1000
10000
VR = 160V
TJ = 125°C
TJ = 25°C
IF = 25A
IF = 100A
IF = 50A
100
1000
dif / dt - ( A / µs )
100
1000
10000
100000
VR = 160V
TJ = 125°C
TJ = 25°C
IF = 25A
IF = 100A
IF = 50A


Similar Part No. - HFB50HI20C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB50HI20C IRF-HFB50HI20C Datasheet
128Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFB50HI20C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com