Electronic Components Datasheet Search |
|
HFB25HJ20 Datasheet(PDF) 1 Page - International Rectifier |
|
HFB25HJ20 Datasheet(HTML) 1 Page - International Rectifier |
1 / 5 page 10/31/12 • Reduced RFI and EMI • Reduced Snubbing • Extensive Characterization of Recovery Parameters • Hermetic • Surface Mount Features Description Ultrafast, Soft Recovery Diode FRED VR = 200V IF(AV) = 25A trr = 35ns Note: D.C. = 50% rect. wave 1/2 sine wave, 60 Hz , P.W. = 8.33 ms HFB25HJ20 www.irf.com 1 Parameter Max. Units VR Cathode to Anode Voltage 200 V IF(AV) Continuous Forward Current, TC = 106°C 25 IFSM Single Pulse Forward Current, TC = 25°C 150 PD @ TC = 25°C Maximum Power Dissipation 70 W TJ, TSTG Operating Junction and Storage Temperature Range -55 to +150 °C A Absolute Maximum Ratings ANODE ANODE CATHODE CASE STYLE SMD-0.5 These Ultrafast, soft recovery diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning systems. An extensive characterization of the recovery behavior for different values of current, temperature and di/dt simplifies the calculations of losses in the operating conditions. The softness of the recovery eliminates the need for a snubber in most applications. These devices are ideally suited for power converters, motors drives and other applications where switching losses are significant portion of the total losses. • ESD Rating: Class NS per MIL-STD-750, Method 1020 PD-94150C |
Similar Part No. - HFB25HJ20_15 |
|
Similar Description - HFB25HJ20_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |