Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT16827 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVT16827
Description  20-bit buffer/line driver; non-inverting; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16827 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVT16827_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74ALVT16827 high-performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive. It is designed for VCC operation
at 2.5 V or 3.3 V with I/O compatibility to 5 V.
The 74ALVT16827 20-bit buffers provide high performance bus interface buffering for wide
data/address paths or buses carrying parity. They have NOR Output Enables (nOE1 and
nOE2) for maximum control flexibility.
2.
Features
s Multiple VCC and GND pins minimize switching noise
s 5 V I/O compatible
s Live insertion and extraction permitted
s 3-state output buffers
s Power-up 3-state
s Output capability: +64 mA and
−32 mA
s Latch-up protection:
x JESD 78 exceeds 500 mA
s ElectroStatic Discharge (ESD) protection:
x MIL STD 883 Method 3015: exceeds 2000 V
x Machine model: exceeds 200 V
s Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
3.
Quick reference data
74ALVT16827
20-bit buffer/line driver; non-inverting; 3-state
Rev. 03 — 2 June 2005
Product data sheet
Table 1:
Quick reference data
GND = 0 V; Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
tPLH
propagation delay nAx
to nYx
CL = 50 pF; VCC = 2.5 V
1.0
2.0
2.9
ns
CL = 50 pF; VCC = 3.3 V
0.7
1.5
2.2
ns
tPHL
propagation delay nAx
to nYx
CL = 50 pF; VCC = 2.5 V
1.0
2.0
3.0
ns
CL = 50 pF; VCC = 3.3 V
0.8
1.6
2.3
ns
CI
input capacitance on
DIR, OE
VI = 0 V or VCC
-3
-pF


Similar Part No. - 74ALVT16827_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16827DGG PHILIPS-74ALVT16827DGG Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16827DGG NEXPERIA-74ALVT16827DGG Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
logo
NXP Semiconductors
74ALVT16827DL PHILIPS-74ALVT16827DL Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results

Similar Description - 74ALVT16827_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com