Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2101 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2101
Description  6-Bit Quadrature Digitizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2101 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2101 Datasheet HTML 3Page - Maxim Integrated Products MAX2101 Datasheet HTML 4Page - Maxim Integrated Products MAX2101 Datasheet HTML 5Page - Maxim Integrated Products MAX2101 Datasheet HTML 6Page - Maxim Integrated Products MAX2101 Datasheet HTML 7Page - Maxim Integrated Products MAX2101 Datasheet HTML 8Page - Maxim Integrated Products MAX2101 Datasheet HTML 9Page - Maxim Integrated Products MAX2101 Datasheet HTML 10Page - Maxim Integrated Products MAX2101 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
6-Bit Quadrature Digitizer
_______________________________________________________________________________________
7
-150m
-100m
-50m
0
50m
100m
5
10
15
20
2530
35
4045
50
55
60
INTEGRAL NONLINEARITY vs.
ADC CODE
CODE
ADC ERROR (LSB) vs. CODE
INL = 0.15 LSB
0
1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
RF SIGNAL PATH GAIN vs.
AGC (PIN 93) VOLTAGE
10
20
30
40
50
60
VAGC (V)
fLO = 624MHz
fBB = 5.1MHz
10
12
14
16
18
20
22
24
26
28
30
-55
-50
-45
-40
-35
-30
NOISE FIGURE vs.
IF INPUT POWER
IF POWER (dBm)
fLO = 624MHz
fBB = 10MHz
-35
-30
-25
-20
-15
-10
-5
0
5
10
-55 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5
INPUT IP3 vs.
IF POWER
IF POWER (dBm)
fLO = 668MHz
fBB1 = 5.1MHz
fBB2 = 6.1MHz
fC = 10MHz
P(BB1) = P(BB2) = -16dBm
@ P(FSIN) = -10dBm
P(BB1) = P(BB2) = -56dBm
@ P(FSIN) = -50dBm
0
1
2
3
4
5
6
7
8
9
5
101520253035
INPUT IP3 vs.
FILTER CUTOFF FREQUENCY
CUTOFF FREQUENCY (MHz)
fLO = 464MHz or 668MHz
fBB1 = 5.1MHz
fBB2 = 6.1MHz
P(BB1) = P(BB2) = -16dBm
P(FSIN) = -10dBm
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
200
300
400
500
600
700
800
900
IFIN (PIN 90) VSWR vs.
FREQUENCY
FREQUENCY (MHz)
RS = 50Ω
(PIN 91) IFINB AC TERMINATED IN 25Ω
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX210 MAXIM-MAX210 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX21000 MAXIM-MAX21000 Datasheet
1Mb / 26P
   Ultra-Accurate, Low Power, 3-Axis Digital Output Gyroscope
Rev 1; 2/13
MAX21002 MAXIM-MAX21002 Datasheet
982Kb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX21003 MAXIM-MAX21003 Datasheet
2Mb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
More results

Similar Description - MAX2101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1101 MAXIM-MAX1101 Datasheet
110Kb / 12P
   Single-Chip, 8-Bit CCD Digitizer with Clamp and 6-Bit PGA
19-1166; Rev 0; 12/96
logo
TEKTRONIX, INC.
LPD64 TEKTRONIX-LPD64 Datasheet
1Mb / 30P
   6 Series Low Profile Digitizer
logo
LSI Computer Systems
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
   24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
   24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166 Datasheet
79Kb / 12P
   24-BIT QUADRATURE COUNTER
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
   48-BIT QUADRATURE COUNTER
logo
United Monolithic Semic...
CHM1481-QFG UMS-CHM1481-QFG Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
CHM1481-QFG UMS-CHM1481-QFG_15 Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
logo
THine Electronics, Inc.
THC7984 THINE-THC7984_15 Datasheet
519Kb / 46P
   10-bit 3-channel Video Signal Digitizer
THC7984 THINE-THC7984 Datasheet
148Kb / 9P
   10-bit 3-channel Video Signal Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com