Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX197BEAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX197BEAI
Description  Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX197BEAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX197BEAI Datasheet HTML 6Page - Maxim Integrated Products MAX197BEAI Datasheet HTML 7Page - Maxim Integrated Products MAX197BEAI Datasheet HTML 8Page - Maxim Integrated Products MAX197BEAI Datasheet HTML 9Page - Maxim Integrated Products MAX197BEAI Datasheet HTML 10Page - Maxim Integrated Products MAX197BEAI Datasheet HTML 11Page - Maxim Integrated Products MAX197BEAI Datasheet HTML 12Page - Maxim Integrated Products MAX197BEAI Datasheet HTML 13Page - Maxim Integrated Products MAX197BEAI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
How to Start a Conversion
Conversions are initiated with a write operation, which
selects the mux channel and configures the MAX197 for
either unipolar or bipolar input range. A write pulse (WR
+ CS) can either start an acquisition interval or initiate a
combined acquisition plus conversion. The sampling
interval occurs at the end of the acquisition interval.
The ACQMOD bit in the input control byte offers two
options for acquiring the signal: internal or external.
The conversion period lasts for 12 clock cycles in either
internal or external clock or acquisition mode.
Writing a new control byte during conversion cycle will
abort conversion and start a new acquisition interval.
Internal Acquisition
Select internal acquisition by writing the control byte
with the ACQMOD bit cleared (ACQMOD = 0). This
causes the write pulse to initiate an acquisition interval
whose duration is internally timed. Conversion starts
when this six-clock-cycle acquisition interval (3µs with
fCLK = 2MHz) ends. See Figure 5.
External Acquisition
Use the external acquisition timing mode for precise con-
trol of the sampling aperture and/or independent control
of acquisition and conversion times. The user controls
acquisition and start-of-conversion with two separate
write pulses. The first pulse, written with ACQMOD = 1,
starts an acquisition interval of indeterminate length. The
second write pulse, written with ACQMOD = 0, termi-
nates acquisition and starts conversion on WR’s rising
edge (Figure 6). However, if the second control byte
contains ACQMOD = 1, an indefinite acquisition interval
is restarted.
The address bits for the input mux must have the same
values on the first and second write pulses. Power-
down mode bits (PD0, PD1) can assume new values on
the second write pulse (see
Power-Down Mode).
Multi-Range (±10V, ±5V, +10V, +5V),
Single +5V, 12-Bit DAS with 8+4 Bus Interface
10
______________________________________________________________________________________
tCS
tCSWS
tWR
tACQI
tCONV
tDH
tDS
tINT1
tD0
tD01
tTR
HGH-Z
HGH-Z
tCSRS
tCSRH
CS
WR
D7–D0
INT
RD
HBEN
DOUT
ACQMOD ="0"
HIGH / LOW
BYTE VALID
HIGH / LOW
BYTE VALID
CONTROL
BYTE
tCSWH
Figure 5. Conversion Timing Using Internal Acquisition Mode
Table 6. Data-Bus Output
PIN
HBEN = LOW
HBEN = HIGH
D0
B0 (LSB)
B8
D1
B1
B9
D2
B2
B10
D3
B3
B11 (MSB)
D4
B4
B11 (BIP = 1) / 0 (BIP = 0)
D5
B5
B11 (BIP = 1) / 0 (BIP = 0)
D6
B6
B11 (BIP = 1) / 0 (BIP = 0)
D7
B7
B11 (BIP = 1) / 0 (BIP = 0)


Similar Part No. - MAX197BEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX19700 MAXIM-MAX19700 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
More results

Similar Description - MAX197BEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com